Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL32175E Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL32175E
Description  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32175E Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL32175E Datasheet HTML 2Page - Intersil Corporation ISL32175E Datasheet HTML 3Page - Intersil Corporation ISL32175E Datasheet HTML 4Page - Intersil Corporation ISL32175E Datasheet HTML 5Page - Intersil Corporation ISL32175E Datasheet HTML 6Page - Intersil Corporation ISL32175E Datasheet HTML 7Page - Intersil Corporation ISL32175E Datasheet HTML 8Page - Intersil Corporation ISL32175E Datasheet HTML 9Page - Intersil Corporation ISL32175E Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
FN7529.0
November 19, 2009
NETWORK WITH VL PIN FOR INTERFACING TO LOWER VOLTAGE LOGIC DEVICES
Typical Operating Circuits (1 of 4 Channels Shown) (Continued)
0.1μF
+
R
24
23
22
1
2
10
VCC
GND
RO1
EN1
B1
A1
+3.3V TO 5V
0.1μF
+
D
1
24
21
4
23
9
VCC
GND
EN
DI
Z
Y
RT
+3.3V TO 5V
ISL32X77E
ISL32179E
20
VL
+2.5V
21
VL
+1.8V
VCC
LOGIC
DEVICE
(μP, ASIC,
UART)
VCC
LOGIC
DEVICE
(μP, ASIC,
UART)
2, 3, 15, 16 EN1-EN4
14 EN
22
SHDNEN
≥1kΩ
≥1kΩ
4
EN
15
EN
9
SHDNEN
USING INDIVIDUAL
CHANNEL ENABLES AND
CONFIGURED FOR LOWEST
SHDN SUPPLY CURRENT
USING ACTIVE
HIGH GROUP ENABLE
AND CONFIGURED FOR
LOWEST SHDN SUPPLY
CURRENT
NOTE: POWER UP VCC BEFORE VL
NOTE: POWER UP VCC BEFORE VL
ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E, ISL32277E


Similar Part No. - ISL32175E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32175E INTERSIL-ISL32175E Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL32175E RENESAS-ISL32175E Datasheet
1Mb / 21P
   Telecom equipment
ISL32175EFBZ RENESAS-ISL32175EFBZ Datasheet
1Mb / 21P
   Telecom equipment
ISL32175EFVZ RENESAS-ISL32175EFVZ Datasheet
1Mb / 21P
   Telecom equipment
ISL32175EIBZ RENESAS-ISL32175EIBZ Datasheet
1Mb / 21P
   Telecom equipment
More results

Similar Description - ISL32175E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com