Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3221EM Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL3221EM
Description  짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3221EM Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICL3221EM Datasheet HTML 3Page - Intersil Corporation ICL3221EM Datasheet HTML 4Page - Intersil Corporation ICL3221EM Datasheet HTML 5Page - Intersil Corporation ICL3221EM Datasheet HTML 6Page - Intersil Corporation ICL3221EM Datasheet HTML 7Page - Intersil Corporation ICL3221EM Datasheet HTML 8Page - Intersil Corporation ICL3221EM Datasheet HTML 9Page - Intersil Corporation ICL3221EM Datasheet HTML 10Page - Intersil Corporation ICL3221EM Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN7552.0
December 17, 2009
The ICL3221EM utilizes a two pin approach where the
FORCEON and FORCEOFF inputs determine the IC’s
mode. For always enabled operation, FORCEON and
FORCEOFF are both strapped high. To switch between
active and power-down modes, under logic or software
control, only the FORCEOFF input need be driven. The
FORCEON state isn’t critical, as FORCEOFF dominates
over FORCEON. Nevertheless, if strictly manual control
over power-down is desired, the user must strap
FORCEON high to disable the automatic power-down
circuitry.
The INVALID output always indicates whether or not a
valid RS-232 signal is present at any of the receiver
inputs (see Table 2), giving the user an easy way to
determine when the interface block should power down.
In the case of a disconnected interface cable where all
the receiver inputs are floating (but pulled to GND by the
internal receiver pull down resistors), the INVALID logic
detects the invalid levels and drives the output low. The
power management logic then uses this indicator to
power down the interface block. Reconnecting the cable
restores valid levels at the receiver inputs, INVALID
switches high, and the power management logic wakes
up the interface block. INVALID can also be used to
indicate the DTR or RING INDICATOR signal, as long as
the other receiver inputs are floating, or driven to GND
(as in the case of a powered down driver). Connecting
FORCEOFF and FORCEON together disables the
automatic power-down feature, enabling them to
function as a manual SHUTDOWN input (see Figure 4).
TABLE 2. POWER-DOWN AND ENABLE LOGIC TRUTH TABLE
RS-232 SIGNAL
PRESENT AT
RECEIVER INPUT?
FORCEOFF
OR SHDN
INPUT
FORCEON
INPUT
EN
INPUT
TRANSMITTER
OUTPUTS
RECEIVER
OUTPUTS
INVALID
OUTPUT
MODE OF OPERATION
ICL3221EM
No
H
H
L
Active
Active
L
Normal Operation
(Auto Power-down Disabled)
No
H
H
H
Active
High-Z
L
Yes
H
L
L
Active
Active
H
Normal Operation
(Auto Power-down Enabled)
Yes
H
L
H
Active
High-Z
H
No
H
L
L
High-Z
Active
L
Power-down Due to Auto
Power-down Logic
No
H
L
H
High-Z
High-Z
L
Yes
L
X
L
High-Z
Active
H
Manual Power-down
Yes
L
X
H
High-Z
High-Z
H
Manual Power-down with
Receiver Disabled
No
L
X
L
High-Z
Active
L
Manual Power-down
No
L
X
H
High-Z
High-Z
L
Manual Power-down with
Receiver Disabled
FIGURE 2. POWER DRAIN THROUGH POWERED
DOWN PERIPHERAL
OLD
VCC
POWERED
GND
SHDN = GND
VCC
Rx
Tx
VCC
CURRENT
VOUT = VCC
FLOW
RS-232 CHIP
DOWN
UART
FIGURE 3. DISABLED RECEIVERS PREVENT POWER
DRAIN
ICL324XE
TRANSITION
RX
TX
R2OUTB
R2OUT
T1IN
FORCEOFF = GND
VCC
VCC
TO
R2IN
T1OUT
VOUT = HI-Z
POWERED
OR SHDN = GND, EN = VCC
DETECTOR
DOWN
UART
WAKE-UP
LOGIC
ISL3221EM


Similar Part No. - ICL3221EM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ICL3221EM INTERSIL-ICL3221EM Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
logo
Renesas Technology Corp
ICL3221EM RENESAS-ICL3221EM Datasheet
321Kb / 22P
   ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
May.29.19
logo
Intersil Corporation
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
logo
Renesas Technology Corp
ICL3221EMVZ RENESAS-ICL3221EMVZ Datasheet
321Kb / 22P
   ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
May.29.19
More results

Similar Description - ICL3221EM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3241EIA INTERSIL-ICL3241EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243EIA INTERSIL-ICL3243EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECVZ-T INTERSIL-ICL3243ECVZ-T Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3221E INTERSIL-ICL3221E Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com