Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3221EM Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICL3221EM
Description  짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3221EM Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICL3221EM Datasheet HTML 4Page - Intersil Corporation ICL3221EM Datasheet HTML 5Page - Intersil Corporation ICL3221EM Datasheet HTML 6Page - Intersil Corporation ICL3221EM Datasheet HTML 7Page - Intersil Corporation ICL3221EM Datasheet HTML 8Page - Intersil Corporation ICL3221EM Datasheet HTML 9Page - Intersil Corporation ICL3221EM Datasheet HTML 10Page - Intersil Corporation ICL3221EM Datasheet HTML 11Page - Intersil Corporation ICL3221EM Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN7552.0
December 17, 2009
Interconnection with 3V and 5V
Logic
The ICL3221EM directly interfaces with 5V CMOS and TTL
logic families. Nevertheless, with the ICL3221EM at 3.3V,
and the logic supply at 5V, AC, HC, and CD4000 outputs
can drive ICL3221EM inputs, but ICL3221EM outputs do
not reach the minimum VIH for these logic families. See
Table 4 for more information.
±15kV ESD Protection
All pins on ICL3221EM devices include ESD protection
structures, but the ICL3221EM family incorporates
advanced structures which allow the RS-232 pins
(transmitter outputs and receiver inputs) to survive ESD
events up to ±15kV. The RS-232 pins are particularly
vulnerable to ESD damage because they typically
connect to an exposed port on the exterior of the finished
product. Simply touching the port pins, or connecting a
cable, can cause an ESD event that might destroy
unprotected ICs. These new ESD structures protect the
device whether or not it is powered up, protect without
allowing any latch-up mechanism to activate, and don’t
interfere with RS-232 signals as large as ±25V.
Human Body Model (HBM) Testing
As the name implies, this test method emulates the ESD
event delivered to an IC during human handling. The
tester delivers the charge through a 1.5kΩ current
limiting resistor, making the test less severe than the
IEC61000 test, which utilizes a 330Ω limiting resistor.
The HBM method determines an IC’s ability to withstand
the ESD transients typically present during handling and
manufacturing. Due to the random nature of these
events, each pin is tested with respect to all other pins.
The RS-232 pins on “E” family devices can withstand
HBM ESD events to ±15kV.
IEC61000-4-2 Testing
The IEC61000 test method applies to finished
equipment, rather than to an individual IC. Therefore,
the pins most likely to suffer an ESD event are those that
are exposed to the outside world (the RS-232 pins in this
case), and the IC is tested in its typical application
configuration (power applied) rather than testing each
pin-to-pin combination. The lower current limiting
resistor coupled with the larger charge storage capacitor
yields a test that is much more severe than the HBM test.
The extra ESD protection built into this device’s RS-232
pins allows the design of equipment meeting level 4
criteria without the need for additional board level
protection on the RS-232 port.
AIR-GAP DISCHARGE TEST METHOD
For this test method, a charged probe tip moves toward
the IC pin until the voltage arcs to it. The current
waveform delivered to the IC pin depends on approach
speed, humidity, temperature, etc., so it is difficult to
obtain repeatable results. The “E” device RS-232 pins
withstand ±15kV air-gap discharges.
CONTACT DISCHARGE TEST METHOD
During the contact discharge test, the probe contacts the
tested pin before the probe tip is energized, thereby
eliminating the variables associated with the air-gap
discharge. The result is a more repeatable and
predictable test, but equipment limits prevent testing
devices at voltages higher than ±8kV. All “E” family
devices survive ±8kV contact discharges on the RS-232
pins.
FIGURE 10. LOOPBACK TEST AT 120kbps
FIGURE 11. LOOPBACK TEST AT 250kbps
TABLE 4. LOGIC FAMILY COMPATIBILITY WITH
VARIOUS SUPPLY VOLTAGES
SYSTEM
POWER-SUPPLY
VOLTAGE
(V)
VCC
SUPPLY
VOLTAGE
(V)
COMPATIBILITY
3.3
3.3
Compatible with all CMOS
families.
T1IN
T1OUT
R1OUT
5µs/DIV
VCC = +3.3V
5V/DIV
C1 - C4 = 0.1µF
T1IN
T1OUT
R1OUT
2µs/DIV
5V/DIV
VCC = +3.3V
C1 - C4 = 0.1µF
ISL3221EM


Similar Part No. - ICL3221EM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ICL3221EM INTERSIL-ICL3221EM Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
logo
Renesas Technology Corp
ICL3221EM RENESAS-ICL3221EM Datasheet
321Kb / 22P
   ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
May.29.19
logo
Intersil Corporation
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
logo
Renesas Technology Corp
ICL3221EMVZ RENESAS-ICL3221EMVZ Datasheet
321Kb / 22P
   ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
May.29.19
More results

Similar Description - ICL3221EM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3241EIA INTERSIL-ICL3241EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243EIA INTERSIL-ICL3243EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECVZ-T INTERSIL-ICL3243ECVZ-T Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3221E INTERSIL-ICL3221E Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
   ±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com