Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8262H Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TA8262H
Description  MAX POWER 43 W BTL x 4CH AUDIO POWER IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8262H Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TA8262H Datasheet HTML 3Page - Toshiba Semiconductor TA8262H Datasheet HTML 4Page - Toshiba Semiconductor TA8262H Datasheet HTML 5Page - Toshiba Semiconductor TA8262H Datasheet HTML 6Page - Toshiba Semiconductor TA8262H Datasheet HTML 7Page - Toshiba Semiconductor TA8262H Datasheet HTML 8Page - Toshiba Semiconductor TA8262H Datasheet HTML 9Page - Toshiba Semiconductor TA8262H Datasheet HTML 10Page - Toshiba Semiconductor TA8262H Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TA8262H
2002-03-05
7
6. Output clip detection function (pin 25)
The output clip detection terminal of pin 25 has the open collector output structure on chip as shown in
Figure 8. In case that the output waveform is clipping, the clip detection circuit is operated and NPN Tr. is
turned on.
It is possible to improve the audio quality with controlling the volume, tone control circuit through L.P.F.
smoothing circuit as shown in Figure 8.
In case of being unused this function, use this IC as open connection on pin 25.
(Application)
pin 25: Open collector output (active low)
Figure 8
(A) Output (AC wave form)
(B) Clip detector circuit (internal)
(C) Clip DET. terminal (pin 25)
Figure 9


Similar Part No. - TA8262H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8260AH TOSHIBA-TA8260AH Datasheet
392Kb / 15P
   Max Power 40 W BTL 횞 4CH Audio Power IC
TA8261AH TOSHIBA-TA8261AH Datasheet
388Kb / 16P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8263BH TOSHIBA-TA8263BH Datasheet
255Kb / 13P
   Max Power 43 W BTL x 4 ch Audio Power IC
TA8263BHQ TOSHIBA-TA8263BHQ Datasheet
329Kb / 15P
   Max Power 43 W BTL × 4 ch Audio Power IC
2006-04-28
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Similar Description - TA8262H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8259H TOSHIBA-TA8259H Datasheet
368Kb / 15P
   MAX POWER 37 W BTL x 4CH AUDIO POWER IC
TA8277H TOSHIBA-TA8277H Datasheet
235Kb / 12P
   MAX POWER 43 W BTL x 4 CH AUDIO POWER IC
TA8272H TOSHIBA-TA8272H Datasheet
251Kb / 13P
   Max Power 43 W BTL x 4 ch Audio Power IC
TA8263BH TOSHIBA-TA8263BH Datasheet
255Kb / 13P
   Max Power 43 W BTL x 4 ch Audio Power IC
TA8251AH TOSHIBA-TA8251AH Datasheet
563Kb / 12P
   MAX POWER 30W BTL x 4CH AUDIO POWER IC
TA8251AHQ TOSHIBA-TA8251AHQ Datasheet
1Mb / 13P
   MAX POWER 30W BTL X 4CH AUDIO POWER IC
T8251AH TOSHIBA-T8251AH Datasheet
552Kb / 13P
   MAX POWER 300W BTL x 4CH AUDIO POWER IC
TA8255AH TOSHIBA-TA8255AH Datasheet
551Kb / 12P
   MAX POWER 22W BTL x 4CH AUDIO POWER IC
TA8260AH TOSHIBA-TA8260AH Datasheet
392Kb / 15P
   Max Power 40 W BTL 횞 4CH Audio Power IC
TA8272HQ TOSHIBA-TA8272HQ Datasheet
307Kb / 15P
   Max Power 43 W BTL × 4 ch Audio Power IC
2006-04-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com