Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16068 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16068
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16068 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16068 Datasheet HTML 7Page - Maxim Integrated Products MAX16068 Datasheet HTML 8Page - Maxim Integrated Products MAX16068 Datasheet HTML 9Page - Maxim Integrated Products MAX16068 Datasheet HTML 10Page - Maxim Integrated Products MAX16068 Datasheet HTML 11Page - Maxim Integrated Products MAX16068 Datasheet HTML 12Page - Maxim Integrated Products MAX16068 Datasheet HTML 13Page - Maxim Integrated Products MAX16068 Datasheet HTML 14Page - Maxim Integrated Products MAX16068 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
______________________________________________________________________________________ 11
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
When in the monitoring state, and when EN falls below
the undervoltage threshold, a register bit, ENRESET
(r20h[2]), is set to a ‘1.’ This register bit latches and must
be cleared through software. This bit indicates if RESET
asserted low due to EN going under the threshold. The
POR state of ENRESET is ‘0.’ The bit is only set on a fall-
ing edge of the EN comparator output or the software
enable bit. If operating in latch-on fault mode, toggle
EN or toggle the software enable bit to clear the latch
condition and restart the device once the fault condition
has been removed.
Set r73h[2] to ‘1’ to enable monitoring functionality.
Faults are not recorded when the device is in margining
mode. Set r73h[2] to ‘0’ for normal functionality.
Voltage Monitoring
The MAX16068 features an internal 10-bit ADC that mon-
itors the MON_ voltage inputs. An internal multiplexer
cycles through each of the enabled inputs, taking less
than 24Fs for a complete monitoring cycle. Each acquisi-
tion takes approximately 4Fs. At each multiplexer stop,
the 10-bit ADC converts the analog input to a digital
result and stores the result in a register. ADC conversion
results are stored in registers r00h–r0Bh (see Table 2).
Use the SMBus or JTAG serial interface to read ADC
conversion results.
The MAX16068 provides six inputs, MON1–MON6, for
voltage monitoring. Each input-voltage range is pro-
grammable in registers r43h–r44h (see Table 3). When
MON_ configuration registers are set to ’11,’ MON_ volt-
ages are not monitored and the multiplexer does not stop
at these inputs, decreasing the total cycle time. These
inputs cannot be configured to trigger fault conditions.
The two programmable thresholds for each monitored
voltage include an overvoltage and an undervoltage
threshold. See the Faults section for more information
on setting overvoltage and undervoltage thresholds. All
voltage thresholds are 8 bits wide. The 8 MSBs of the
10-bit ADC conversion result are compared to these
overvoltage and undervoltage thresholds.
For any undervoltage or overvoltage condition to be
monitored and any faults detected, the MON_ input must
be assigned to monitoring mode. Inputs that are not
enabled are not converted by the ADC; they contain the
last value acquired before that channel was disabled.
The ADC conversion result registers are reset to 00h at
boot-up. These registers are not reset when a reboot
command is executed.
To temporarily disable voltage monitoring during volt-
age margining conditions, set r73h[2] to ‘1’ to enable
margining mode functionality. Faults (except for faults
triggered by EXTFAULT being pulled low externally) are
not recorded when the device is in margining mode, but
the ADC continues to run and conversion results con-
tinue to be available. Set r73h[2] back to ‘0’ for normal
functionality.
Table 2. ADC Conversion Results (Read Only)
REGISTER ADDRESS
BIT RANGE
DESCRIPTION
00h
[7:0]
MON1 result (MSB)
01h
[7:6]
MON1 result (LSB)
02h
[7:0]
MON2 result (MSB)
03h
[7:6]
MON2 result (LSB)
04h
[7:0]
MON3 result (MSB)
05h
[7:6]
MON3 result (LSB)
06h
[7:0]
MON4 result (MSB)
07h
[7:6]
MON4 result (LSB)
08h
[7:0]
MON5 result (MSB)
09h
[7:6]
MON5 result (LSB)
0Ah
[7:0]
MON6 result (MSB)
0Bh
[7:6]
MON6 result (LSB)


Similar Part No. - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com