Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD1035CTL Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBRD1035CTL
Description  SWITCHMODE??Schottky Rectifier D2PAK Power Surface Mount Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRD1035CTL Datasheet(HTML) 2 Page - Motorola, Inc

  MBRD1035CTL Datasheet HTML 1Page - Motorola, Inc MBRD1035CTL Datasheet HTML 2Page - Motorola, Inc MBRD1035CTL Datasheet HTML 3Page - Motorola, Inc MBRD1035CTL Datasheet HTML 4Page - Motorola, Inc MBRD1035CTL Datasheet HTML 5Page - Motorola, Inc MBRD1035CTL Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRD1035CTL
2
Rectifier Device Data
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage(2), see Figure 2
Per Leg
IF = 5 Amps, TJ = 25°C
IF = 5 Amps, TJ = 100°C
IF = 10 Amps, TJ = 25°C
IF = 10 Amps, TJ = 100°C
VF
0.47
0.41
0.56
0.55
Volts
Maximum Instantaneous Reverse Current, see Figure 4
Per Leg
(VR = 35 V, TJ = 25°C)
(VR = 35 V, TJ = 100°C)
(VR = 17.5 V, TJ = 25°C)
(VR = 17.5 V, TJ = 100°C)
IR
2.0
30
0.20
5.0
mA
(2) Pulse Test: Pulse Width
≤ 250 µs, Duty Cycle ≤ 2.0%.
TYPICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage Per Leg
Figure 2. Maximum Forward Voltage Per Leg
Figure 3. Typical Reverse Current Per Leg
1.10
0.10
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
100
10
VR, REVERSE VOLTAGE (VOLTS)
35
0
100E–6
1E–6
1.0
0.50
0.30
0.70
0.90
10
20
30
10E–3
100E–3
0.1
1E–3
10E–6
TJ = 25°C
TJ = 100°C
TJ = 125°C
TJ = – 40°C
TJ = 125°C
Figure 4. Maximum Reverse Current Per Leg
1.10
0.10
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
100
10
1.0
0.50
0.30
0.70
0.90
0.1
TJ = 25°C
TJ = 100°C
TJ = 125°C
1E+0
TJ = 100°C
TJ = 25°C
VR, REVERSE VOLTAGE (VOLTS)
35
0
100E–6
1E–6
10
20
30
10E–3
100E–3
1E–3
10E–6
TJ = 125°C
1E+0
TJ = 100°C
TJ = 25°C


Similar Part No. - MBRD1035CTL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRD1035CTL DIODES-MBRD1035CTL Datasheet
63Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30286 Rev. B-2
logo
ON Semiconductor
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
104Kb / 6P
   SWITCHMODE Schottky Power Rectifier
August, 2004 ??Rev. 3
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
117Kb / 6P
   SWITCHMODE Schottky Power Rectifier
July, 2010 ??Rev. 7
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
74Kb / 6P
   Switch-mode Schottky Power Rectifier
October, 2016 ??Rev. 11
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
231Kb / 7P
   Schottky Power Rectifier, Switch Mode, 10 A, 35 V
August, 2020 - Rev. 13
More results

Similar Description - MBRD1035CTL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
logo
Motorola, Inc
MBRB2545CT MOTOROLA-MBRB2545CT Datasheet
109Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB1545CT MOTOROLA-MBRB1545CT Datasheet
110Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB2535CTL ONSEMI-MBRB2535CTL Datasheet
61Kb / 5P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
January, 2007 ??Rev. 6
logo
Motorola, Inc
MBRB2535CTL MOTOROLA-MBRB2535CTL Datasheet
105Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB2545CT ONSEMI-MBRB2545CT Datasheet
61Kb / 5P
   SWITCHMODE Power Rectifier D2PAK Surface Mount Power Package
March, 2007 ??Rev. 10
MURB1620CTG ONSEMI-MURB1620CTG Datasheet
106Kb / 5P
   SWITCHMODE Power Rectifier D2PAK Power Surface Mount Package
November, 2012 ??Rev. 7
MBRB1045 ONSEMI-MBRB1045 Datasheet
83Kb / 6P
   SWITCHMODE Schottky Power Rectifier Surface Mount Power Package
February, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com