Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2594DADJR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM2594DADJR2G
Description  0.5 A, Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2594DADJR2G Datasheet(HTML) 3 Page - ON Semiconductor

  LM2594DADJR2G Datasheet HTML 1Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 2Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 3Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 4Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 5Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 6Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 7Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 8Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM2594
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
Vin
Maximum Supply Voltage
45
V
ON/OFF
ON/OFF Pin Input Voltage
−0.3 V ≤ V ≤ +Vin
V
Vout
Output Voltage to Ground (Steady−State)
−1.0
V
PD
Power Dissipation
8−Lead DIP
Internally Limited
W
RqJA
Thermal Resistance, Junction−to−Ambient
100
°C/W
RqJC
Thermal Resistance, Junction−to−Case
5.0
°C/W
PD
Power Dissipation
8−Lead Surface Mount
Internally Limited
W
RqJA
Thermal Resistance, Junction−to−Ambient
175
°C/W
Tstg
Storage Temperature Range
−65 to +150
°C
Minimum ESD Rating (Human Body Model: C = 100 pF, R = 1.5 kW)
2.0
kV
Lead Temperature (Soldering, 10 seconds)
260
°C
TJ
Maximum Junction Temperature
150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
OPERATING RATINGS (Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee
specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics table)
Symbol
Rating
Value
Unit
TJ
Operating Temperature Range
−40 to +125
°C
VIN
Supply Voltage
4.5 V to 40 V
V


Similar Part No. - LM2594DADJR2G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594 TI1-LM2594 Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2594 UMW-LM2594 Datasheet
573Kb / 13P
   IC REG BUCK 12V 1.5A 8SOP
logo
Texas Instruments
LM2594HV TI1-LM2594HV Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
More results

Similar Description - LM2594DADJR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
logo
Texas Instruments
LM5574-Q1 TI1-LM5574-Q1 Datasheet
1,018Kb / 33P
[Old version datasheet]   Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
STMicroelectronics
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
   2.5 A step-down switching regulator
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
   3 A step-down switching regulator
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
   3 A step-down switching regulator
L7980 STMICROELECTRONICS-L7980 Datasheet
1Mb / 44P
   2 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com