Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20L80CT Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR20L80CT
Description  SWITCHMODE??Power Rectifier 80 V, 20 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR20L80CT Datasheet(HTML) 3 Page - ON Semiconductor

  MBR20L80CT Datasheet HTML 1Page - ON Semiconductor MBR20L80CT Datasheet HTML 2Page - ON Semiconductor MBR20L80CT Datasheet HTML 3Page - ON Semiconductor MBR20L80CT Datasheet HTML 4Page - ON Semiconductor MBR20L80CT Datasheet HTML 5Page - ON Semiconductor MBR20L80CT Datasheet HTML 6Page - ON Semiconductor MBR20L80CT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MBR20L80CT, MBRF20L80CT
http://onsemi.com
3
0.1
1.0
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
150°C
125°C
TJ = 25°C
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1. Typical Forward Voltage
0.1
1.0
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 2. Maximum Forward Voltage
150°C
125°C
TJ = 25°C
1.0E−07
1.0E−06
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
0
1020
30
4050
6070
80
VR, REVERSE VOLTAGE (V)
Figure 3. Typical Reverse Voltage
125°C
TJ = 25°C
150°C
1.0E−07
1.0E−06
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
0
1020
30
4050
6070
80
125°C
TJ = 25°C
150°C
VR, REVERSE VOLTAGE (V)
Figure 4. Maximum Reverse Voltage
0
2
4
6
8
10
12
14
16
18
20
110 115 120 125 130 135 140 145 150 155 160
dc
SQUARE WAVE
RqJC = 2°C/W
TC, CASE TEMPERATURE (°C)
Figure 5. Current Derating, Case per Leg −
MBR20L80CTG
0
1
2
3
4
5
6
0
20
40
60
80
100
120
140 160
RqJA = 70°C/W
TA, AMBIENT TEMPERATURE (°C)
Figure 6. Current Derating, Ambient per Leg −
MBR20L80CTG
dc
SQUARE WAVE


Similar Part No. - MBR20L80CT

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
MBR20L100CD NIUHANG-MBR20L100CD Datasheet
7Mb / 5P
   SUPER LOW VF SCHOTTKY RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR20L100CT TSC-MBR20L100CT Datasheet
260Kb / 2P
   20.0 AMP. Schottky Barrier Rectifiers
logo
Sirectifier Global Corp...
MBR20L100CT SIRECT-MBR20L100CT Datasheet
180Kb / 2P
   Power Schottky Rectifier - 20Amp 100Volt
logo
Taiwan Semiconductor Co...
MBR20L100CT TSC-MBR20L100CT Datasheet
130Kb / 2P
   20.0AMPS Low VF Schottky Barrier Rectifiers
MBR20L100CT TSC-MBR20L100CT Datasheet
210Kb / 4P
   Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBR20L80CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR30H80CT ONSEMI-MBR30H80CT Datasheet
113Kb / 6P
   SWITCHMODE??Power Rectifier 80 V, 30 A
February, 2009 ??Rev. 2
MBR20H100CT ONSEMI-MBR20H100CT Datasheet
130Kb / 7P
   SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
MBR20L60CT ONSEMI-MBR20L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 20 A
December, 2008 ??Rev. 0
MBRF20H150CTG ONSEMI-MBRF20H150CTG Datasheet
92Kb / 6P
   SWITCHMODE??Power Rectifier 150 V, 20 A
October, 2007 - Rev. 0
MBR20L45CTG ONSEMI-MBR20L45CTG Datasheet
142Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 20 A
January, 2010 ??Rev. 2
MBR30L45CTG ONSEMI-MBR30L45CTG Datasheet
138Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 30 A
January, 2010 ??Rev. 2
MBR10L60CT ONSEMI-MBR10L60CT Datasheet
143Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 10 A
December, 2008 ??Rev. 0
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
MBR60H100CT ONSEMI-MBR60H100CT_06 Datasheet
62Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com