Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30L60CT Datasheet(PDF) 5 Page - ON Semiconductor

Part # MBR30L60CT
Description  SWITCHMODE??Power Rectifier 60 V, 30 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR30L60CT Datasheet(HTML) 5 Page - ON Semiconductor

  MBR30L60CT Datasheet HTML 1Page - ON Semiconductor MBR30L60CT Datasheet HTML 2Page - ON Semiconductor MBR30L60CT Datasheet HTML 3Page - ON Semiconductor MBR30L60CT Datasheet HTML 4Page - ON Semiconductor MBR30L60CT Datasheet HTML 5Page - ON Semiconductor MBR30L60CT Datasheet HTML 6Page - ON Semiconductor MBR30L60CT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MBR30L60CT, MBRF30L60CT
http://onsemi.com
5
0.001
0.01
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
D =
0.5
SINGLE PULSE
0.2
0.1
0.05
0.01
Figure 12. Thermal Response Junction−to−Ambient, per Leg for MBR30L60CT
PULSE TIME (sec)
0.001
0.01
0.1
1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Figure 13. Thermal Response Junction−to−Case, per Leg for MBRF30L60CT
PULSE TIME (sec)
D =
0.5
SINGLE PULSE
0.2
0.1
0.05
0.01
0.02
0.001
0.01
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Figure 14. Thermal Response Junction−to−Ambient, per Leg for MBRF30L60CT
PULSE TIME (sec)
D =
0.5
SINGLE PULSE
0.2
0.1
0.05
0.01
0.02


Similar Part No. - MBR30L60CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR30L60CT TSC-MBR30L60CT Datasheet
129Kb / 2P
   30.0AMPS Low VF Schottky Barrier Rectifiers
MBR30L60CT TSC-MBR30L60CT Datasheet
190Kb / 2P
   30.0AMPS Low VF Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR30L60CT KERSEMI-MBR30L60CT Datasheet
869Kb / 2P
   High current capability, low forward voltage drop
logo
Taiwan Semiconductor Co...
MBR30L60CT TSC-MBR30L60CT Datasheet
206Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Dongguan City Niuhang E...
MBR30L60CT NIUHANG-MBR30L60CT Datasheet
376Kb / 3P
   LOW VF SCHOTTKY RECTIFIERS
More results

Similar Description - MBR30L60CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H60CT-1 ONSEMI-MBRB30H60CT-1 Datasheet
58Kb / 6P
   SWITCHMODE Power Rectifier 60 V, 30 A
April, 2006 ??Rev. 0
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G Datasheet
73Kb / 7P
   SWITCHMODE Power Rectifier 60 V, 30 A
March, 2007 ??Rev. 3
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1_07 Datasheet
59Kb / 6P
   SWITCHMODE Power Rectifier 30 V, 30 A
March, 2007 ??Rev. 1
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1 Datasheet
58Kb / 6P
   SWITCHMODE Power Rectifier 30 V, 30 A
April, 2006 ??Rev. 0
MBR10L60CT ONSEMI-MBR10L60CT Datasheet
143Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 10 A
December, 2008 ??Rev. 0
MBR60H100CT ONSEMI-MBR60H100CT_06 Datasheet
62Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
MBR20L60CT ONSEMI-MBR20L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 20 A
December, 2008 ??Rev. 0
MBR60H100CT ONSEMI-MBR60H100CT Datasheet
73Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
June, 2005 ??Rev. 0
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
MBR60L45CTG ONSEMI-MBR60L45CTG Datasheet
112Kb / 5P
   SWITCHMODE Power Rectifier 45 V, 60 A
March, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com