Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA7267A Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SA7267A
Description  2CH AUDIO POWER AMPLIFIER(20W X 2)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7267A Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SA7267A Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 9Page - Silan Microelectronics Joint-stock SA7267A Datasheet HTML 10Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SA7267
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2006.05.25
Http: www.silan.com.cn
Page 9 of 11
APPLICATION SUGGEST
The recommended values of the external components shown are the Typical Application Circuit in Split
Supply:
COMPONENTS
RECOMMENDED
VALUE
PURPOSE
LARGER THAN
RECOMMENDED
VALUE
SMALLER THAN
RECOMMENDED
VALUE
R1
10K
Mute Circuit
Increase of Dz
Biasing Current
R2
15K
Mute Circuit
VMUTE/STBY
Shifted
Downward
VMUTE/STBY
Shifted
Upward
R3
18K
Mute Circuit
VMUTE/STBY
Shifted
Upward
VMUTE/STBY
Shifted
Downward
R4
15K
Mute Circuit
VMUTE/STBY
Shifted
Upward
VMUTE/STBY
Shifted
Downward
R5, R8
18K
Increase of Gain
R6, R9
560
Closed Loop Gain
Setting*
Decrease of Gain
R7, R10
4.7
Frequency
Stability
Danger of Oscillations
Danger of Oscillations
C1, C2
1
µF
Input DC
Decoupling
Higher Low Frequency
Cutoff
C3
1
µF
St-By/Mute Time
Constant
Larger On/Off Time
Smaller On/Off Time
C4, C6
1000
µF
Supply Bypass
Danger of Oscillations
C5, C7
0.1
µF
Supply Bypass
Danger of Oscillations
C8, C9
0.1
µF
Frequency
Stability
Dz
5.1V
Mute Circuit
Q1
BC107
Mute Circuit
* Closed loop gain has to be
25dB.


Similar Part No. - SA7267A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7264 SILAN-SA7264 Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7264A SILAN-SA7264A Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7264B SILAN-SA7264B Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7265 SILAN-SA7265 Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7265A SILAN-SA7265A Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
More results

Similar Description - SA7267A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210AHQ TOSHIBA-TA8210AHQ Datasheet
940Kb / 14P
   20W BTL 횞 2ch Audio Power Amplifier
logo
Silan Microelectronics ...
SC7422 SILAN-SC7422 Datasheet
169Kb / 8P
   2CH AUDIO POWER AMPLIFIER (W x 2)
SA7496L SILAN-SA7496L Datasheet
279Kb / 9P
   2CH AUDIO POWER AMPLIFIER(2W X 2)
logo
Toshiba Semiconductor
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
   22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8246H TOSHIBA-TA8246H Datasheet
370Kb / 10P
   DUAL AUDIO POWER AMPLIFIER 6W x 2CH
TA8201AH TOSHIBA-TA8201AH Datasheet
488Kb / 11P
   18W BTL x 2CH AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com