Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R43341 Datasheet(PDF) 1 Page - Integrated Technology Future

Part # R43341
Description  SAW Resonator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

R43341 Datasheet(HTML) 1 Page - Integrated Technology Future

  R43341 Datasheet HTML 1Page - Integrated Technology Future R43341 Datasheet HTML 2Page - Integrated Technology Future R43341 Datasheet HTML 3Page - Integrated Technology Future R43341 Datasheet HTML 4Page - Integrated Technology Future R43341 Datasheet HTML 5Page - Integrated Technology Future R43341 Datasheet HTML 6Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SAW Resonator R43341
Part No.
R43341
Features
1-port Resonator
Quartz Frequency Stabilization
For transmitters or Local Oscillators
Package Dimension – S5050
Rev. Date
2004-04-20
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NS3124-AS01
1/6
1.2±0.15
5.00±0.15
1
4
3
8
8
77
6
3
2
1
6
5
5
4
2
Pin Configuration
2
Input
6
Output
1, 3, 4, 5, 7, 8
Ground
Package Dimension – TO-39
Pin Configuration
1
Input
2
Output
3
Case ground


Similar Part No. - R43341

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
R433 REYCONNS-R433 Datasheet
177Kb / 5P
   SAW Resonator
R433 REYCONNS-R433 Datasheet
175Kb / 5P
   SAW Resonator
logo
Microsemi Corporation
R4330 MICROSEMI-R4330 Datasheet
116Kb / 3P
   Silicon Power Rectifier
logo
Hamamatsu Corporation
R4330-02 HAMAMATSU-R4330-02 Datasheet
85Kb / 4P
   PHOTOMULTlPLlER TUBES
logo
List of Unclassifed Man...
R43305 ETC2-R43305 Datasheet
76Kb / 3P
   433.920 MHz ASK RADIO DATA RECEIVER
More results

Similar Description - R43341

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
   SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
   SAW RESONATOR
logo
Integrated Technology F...
R40731 ITF-R40731 Datasheet
255Kb / 6P
   SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
   SAW Resonator
R39001 ITF-R39001 Datasheet
228Kb / 6P
   SAW Resonator
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
   SAW resonator
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
R31451 ITF-R31451 Datasheet
255Kb / 6P
   SAW Resonator
R31801 ITF-R31801 Datasheet
256Kb / 6P
   SAW Resonator
R41751 ITF-R41751 Datasheet
252Kb / 6P
   SAW Resonator
R29311 ITF-R29311 Datasheet
201Kb / 6P
   SAW Resonator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com