Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R43391 Datasheet(PDF) 5 Page - Integrated Technology Future

Part # R43391
Description  SAW Resonator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

R43391 Datasheet(HTML) 5 Page - Integrated Technology Future

  R43391 Datasheet HTML 1Page - Integrated Technology Future R43391 Datasheet HTML 2Page - Integrated Technology Future R43391 Datasheet HTML 3Page - Integrated Technology Future R43391 Datasheet HTML 4Page - Integrated Technology Future R43391 Datasheet HTML 5Page - Integrated Technology Future R43391 Datasheet HTML 6Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SAW Resonator R43391
Part No.
R43391
Packing Specification
1. Reeling Quantity : 1000 pcs / reel
2. Taping Structure : The tape shall be wound around the reel in the direction shown below.
REEL
TOP COVER TAPE
CARRIER TAPE
Tape Specification
1. Leader part and vacant position specification
END
START
Tape Running Direction
Vacant
150mm min.
Component
contained
Vacant
150mm min.
Leader part
250mm min.
2. Tensile strength of carrier tape
4.4N/mm width
0~15 degree
Top cover tape
Direction of pull
Carrier tape
3. Top cover tape adhesion
1) pull off angle : 0~15°
2) speed : 300mm/min
3) force : 20~70g
Rev. Date
2004-04-20
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NS3125-AS01
5/6


Similar Part No. - R43391

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
R43392 ITF-R43392 Datasheet
270Kb / 5P
   SAW Resonator
More results

Similar Description - R43391

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
   SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
   SAW RESONATOR
logo
Integrated Technology F...
R40731 ITF-R40731 Datasheet
255Kb / 6P
   SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
   SAW Resonator
R39001 ITF-R39001 Datasheet
228Kb / 6P
   SAW Resonator
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
   SAW resonator
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
R31451 ITF-R31451 Datasheet
255Kb / 6P
   SAW Resonator
R31801 ITF-R31801 Datasheet
256Kb / 6P
   SAW Resonator
R41751 ITF-R41751 Datasheet
252Kb / 6P
   SAW Resonator
R29311 ITF-R29311 Datasheet
201Kb / 6P
   SAW Resonator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com