Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD620CT Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBRD620CT
Description  SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRD620CT Datasheet(HTML) 2 Page - Motorola, Inc

  MBRD620CT Datasheet HTML 1Page - Motorola, Inc MBRD620CT Datasheet HTML 2Page - Motorola, Inc MBRD620CT Datasheet HTML 3Page - Motorola, Inc MBRD620CT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRD620CT MBRD630CT MBRD640CT MBRD650CT MBRD660CT
2
Rectifier Device Data
ELECTRICAL CHARACTERISTICS PER DIODE
Maximum Instantaneous Forward Voltage (2)
iF = 3 Amps, TC = 25°C
iF = 3 Amps, TC = 125°C
iF = 6 Amps, TC = 25°C
iF = 6 Amps, TC = 125°C
VF
0.7
0.65
0.9
0.85
Volts
Maximum Instantaneous Reverse Current (2)
(Rated dc Voltage, TC = 25°C)
(Rated dc Voltage, TC = 125°C)
iR
0.1
15
mA
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
TYPICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage, Per Leg
Figure 2. Typical Reverse Current,* Per Leg
Figure 3. Average Power Dissipation, Per Leg
1.2
1.0
0
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
10
VR, REVERSE VOLTAGE (VOLTS)
40
70
0
0.1
0.001
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
1.0
0
10
8.0
6.0
4.0
2.0
0
2.0
1.0
0.4
0.2
0.6
0.8
50
60
10
20
30
10
100
3.0
4.0
5.0
6.0
7.0
10
0.1
1.4
8.0
9.0
9.0
7.0
5.0
3.0
1.0
1.0
0.01
TC = 25°C
150
°C
125
°C
75
°C
TJ = 150°C
IPK/IAV = 20
SINE
WAVE
SQUARE
WAVE
dc
10
5
TJ = 150°C
*The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these curves if VR is sufficient below rated VR.
125
°C
75
°C
25
°C
11
12
13
14
0.2
0.3
0.5
0.7
2.0
3.0
5.0
7.0
70
50
30
20


Similar Part No. - MBRD620CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT Datasheet
65Kb / 6P
   SWITCHMODE Power Rectifiers
August, 2004 ??Rev. 4
MBRD620CT ONSEMI-MBRD620CT Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
logo
Frontier Electronics.
MBRD620CT FRONTIER-MBRD620CT Datasheet
124Kb / 2P
   6A DUAL SCHOTTKY BARRIER RECTIFIERS
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT Datasheet
73Kb / 6P
   Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBRD620CT ONSEMI-MBRD620CT Datasheet
207Kb / 7P
   Switch-mode Power Rectifiers DPAK-3 Surface Mount Package
August, 2020 - Rev. 15
More results

Similar Description - MBRD620CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRD835L MOTOROLA-MBRD835L Datasheet
127Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
MBRD320 MOTOROLA-MBRD320 Datasheet
93Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
logo
ON Semiconductor
MURD530 ONSEMI-MURD530 Datasheet
107Kb / 5P
   SWITCHMODE Power Rectifier DPAK Surface Mount Package
November, 2008 ??Rev. 1
SURD8320T4G ONSEMI-SURD8320T4G Datasheet
136Kb / 4P
   SWITCHMODE Power Rectifier DPAK Surface Mount Package
January, 2012 ??Rev. 7
logo
Motorola, Inc
MBRF1545CT MOTOROLA-MBRF1545CT Datasheet
78Kb / 4P
   SWITCHMODE??Schottky Power Rectifirers
MBRF1045 MOTOROLA-MBRF1045 Datasheet
102Kb / 6P
   SWITCHMODE??Schottky Power Rectifirers
MBRF20100CT MOTOROLA-MBRF20100CT Datasheet
83Kb / 4P
   SWITCHMODE??Schottky Power Rectifirers
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com