Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBXSPA008 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBXSPA008
Description  2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSPA008 Datasheet(HTML) 1 Page - ON Semiconductor

  NBXSPA008 Datasheet HTML 1Page - ON Semiconductor NBXSPA008 Datasheet HTML 2Page - ON Semiconductor NBXSPA008 Datasheet HTML 3Page - ON Semiconductor NBXSPA008 Datasheet HTML 4Page - ON Semiconductor NBXSPA008 Datasheet HTML 5Page - ON Semiconductor NBXSPA008 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 0
1
Publication Order Number:
NBXSPA008/D
NBXSPA008
2.5 V / 3.3 V, 161.1328MHz
LVDS Clock Oscillator
The NBXSPA008 single frequency crystal oscillator (XO) is
designed to meet today’s requirements for 2.5 V and 3.3 V LVDS
clock generation applications. The device uses a high Q fundamental
crystal and Phase Lock Loop (PLL) multiplier to provide
161.1328 MHz, ultra low jitter and phase noise LVDS differential
output.
This device is a member of ON Semiconductor’s PureEdge
t clock
family that provides accurate and precision clock solutions.
Available in 5 mm x 7 mm SMD (CLCC) package on 16 mm tape
and reel in quantities of 1000.
Features
LVDS Differential Output
Uses High Q Fundamental Mode Crystal and PLL Multiplier
Ultra Low Jitter and Phase Noise − 0.5 ps (12 kHz − 20 MHz)
Output Frequency − 161.1328 MHz
Hermetically Sealed Ceramic SMD Package
RoHS Compliant
Operating Range: 2.5 V ±5%
Operating Range: 3.3 V
±10%
Total Frequency Stability − $50 ppm
This is a Pb−Free Device
Applications
Ethernet, Gigabit Ethernet
WAN
Networking
Figure 1. Simplified Logic Diagram
PLL
Clock
Multiplier
Crystal
GND
NC
OE
CLK CLK
VDD
65
4
12
3
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NBXSPA008LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
MARKING DIAGRAM
NBXSPA008 = NBXSPA008 (±50 PPM)
161.1328
= Output Frequency (MHz)
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G or G
= Pb−Free Package
6 PIN CLCC
LN SUFFIX
CASE 848AB
NBXSPA008
161.1328
AWLYYWW
NBXSPA008LNHTAG
CLCC−6
(Pb−Free)
100/
Tape & Reel


Similar Part No. - NBXSPA008

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA022LN1TAG ONSEMI-NBXSPA022LN1TAG Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA022LNHTAG ONSEMI-NBXSPA022LNHTAG Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
More results

Similar Description - NBXSPA008

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXSBA008_0910 ONSEMI-NBXSBA008_0910 Datasheet
161Kb / 6P
   3.3 V, 161.1328 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXDPA018 ONSEMI-NBXDPA018 Datasheet
133Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA017 ONSEMI-NBXDPA017 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 156.25 MHz / 312.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA012 ONSEMI-NBXDPA012 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 106.25 MHz / 212.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA018_0910 ONSEMI-NBXDPA018_0910 Datasheet
135Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSGA008 ONSEMI-NBXSGA008 Datasheet
117Kb / 6P
   2.5/3.3 V, 161.1328 MHz LVPECL Clock Oscillator This is a Pb?묯ree Device
April, 2011 ??Rev. 0
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com