Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP362CMUTBG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP362CMUTBG
Description  USB Positive Overvoltage and Overcurrent Protection with TVS for VBUS and Low Capacitance ESD Diodes for Data
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP362CMUTBG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP362CMUTBG Datasheet HTML 1Page - ON Semiconductor NCP362CMUTBG Datasheet HTML 2Page - ON Semiconductor NCP362CMUTBG Datasheet HTML 3Page - ON Semiconductor NCP362CMUTBG Datasheet HTML 4Page - ON Semiconductor NCP362CMUTBG Datasheet HTML 5Page - ON Semiconductor NCP362CMUTBG Datasheet HTML 6Page - ON Semiconductor NCP362CMUTBG Datasheet HTML 7Page - ON Semiconductor NCP362CMUTBG Datasheet HTML 8Page - ON Semiconductor NCP362CMUTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP362
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Minimum Voltage to GND (Pins IN, EN, OUT, FLAG)
Vmin
−0.3
V
Maximum Voltage to GND (Pin IN)
Vmaxin
21
V
Maximum Voltage to GND (Pins EN, OUT, FLAG)
Vmax
7.0
V
Maximum DC Current from Vin to Vout (PMOS) (Note 1)
Imax
600
mA
Thermal Resistance, Junction−to−Air
RqJA
280
°C/W
Operating Ambient Temperature Range
TA
−40 to +85
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Junction Operating Temperature
TJ
150
°C
Human Body Model (HBM) (Note 2)
Pins EN, IN, OUT, GND
VBUS TVS
2000
16000
V
Machine Model (MM) (Note 3)
Pins EN, IN, OUT, GND
VBUS TVS
200
400
V
IEC 61000−4−2
Pin VBUS TVS
Contact
Air
Pins D+ & D−
Contact
Air
Vesd
30
30
10
15
kV
kV
kV
kV
Forward Voltage @ 10 mA
Pin VBUS TVS
Pins D+ & D−
1.1
1.0
V
Moisture Sensitivity
MSL
Level 1
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. With minimum PCB area. By decreasing RqJA, the current capability increases. See PCB recommendation page 9.
2. Human Body Model, 100 pF discharged through a 1.5 kW resistor following specification JESD22/A114.
3. Machine Model, 200 pF discharged through all pins following specification JESD22/A115.


Similar Part No. - NCP362CMUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP360 ONSEMI-NCP360 Datasheet
351Kb / 10P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
May, 2007 - Rev. 1
NCP360 ONSEMI-NCP360 Datasheet
839Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
March, 2012 ??Rev. 10
NCP360MUTBG ONSEMI-NCP360MUTBG Datasheet
351Kb / 10P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
May, 2007 - Rev. 1
NCP360MUTXG ONSEMI-NCP360MUTXG Datasheet
351Kb / 10P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
May, 2007 - Rev. 1
NCP360SNAET1G ONSEMI-NCP360SNAET1G Datasheet
839Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
March, 2012 ??Rev. 10
More results

Similar Description - NCP362CMUTBG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22953 DIODES-AP22953 Datasheet
1Mb / 12P
   SWITCH FOR VBUS LINE WITH OVERVOLTAGE, SURGE, AND ESD PROTECTION
January 2022 Rev. 1 - 2
logo
Semtech Corporation
RCLAMP0582B SEMTECH-RCLAMP0582B Datasheet
152Kb / 6P
   Low Capacitance TVS for ESD and Surge Protection
logo
ON Semiconductor
NCV361SNT1G ONSEMI-NCV361SNT1G Datasheet
723Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
March, 2012 ??Rev. 4
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
logo
Semtech Corporation
RCLAMP1502B SEMTECH-RCLAMP1502B_09 Datasheet
164Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
RCLAMP0502B SEMTECH-RCLAMP0502B Datasheet
317Kb / 9P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
RCLAMP0502BA SEMTECH-RCLAMP0502BA Datasheet
166Kb / 7P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
logo
Yea Shin Technology Co....
YSLC05C YEASHIN-YSLC05C Datasheet
998Kb / 4P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
logo
Semtech Corporation
RCLAMP1502B SEMTECH-RCLAMP1502B Datasheet
189Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com