Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1338DR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1338DR2G
Description  PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1338DR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1338DR2G Datasheet HTML 3Page - ON Semiconductor NCP1338DR2G Datasheet HTML 4Page - ON Semiconductor NCP1338DR2G Datasheet HTML 5Page - ON Semiconductor NCP1338DR2G Datasheet HTML 6Page - ON Semiconductor NCP1338DR2G Datasheet HTML 7Page - ON Semiconductor NCP1338DR2G Datasheet HTML 8Page - ON Semiconductor NCP1338DR2G Datasheet HTML 9Page - ON Semiconductor NCP1338DR2G Datasheet HTML 10Page - ON Semiconductor NCP1338DR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NCP1338
http://onsemi.com
7
APPLICATION INFORMATION
INTRODUCTION
The NCP1338 implements a standard current mode
architecture where the switch−off time is dictated by the
peak current setpoint, whereas the core−reset detection
triggers the turn−on event. This component represents
the ideal candidate where low part−count is the key
parameter, particularly in low−cost ac−dc adapters,
consumer electronics, auxiliary supplies, etc. Due to
its high−performance, high−voltage technology, the
NCP1338 incorporates all the necessary features needed to
build a rugged and reliable Switch−Mode Power Supply
(SMPS):
Quasi−Resonant Operation: Valley−switching
operation is ensured whatever the operating conditions
are, due to the internal soxyless circuitry. As a result,
there are virtually no primary switch turn−on losses,
and no secondary diode recovery losses, and EMI and
video noise perturbations are reduced. The converter
also stays a first−order system and accordingly eases
the feedback loop design.
Dynamic Self−Supply (DSS): Due to its Very High
Voltage Integrated Circuit (VHVIC) technology,
ON Semiconductor’s NCP1338 allows for a direct pin
connection to the high−voltage DC rail. A dynamic
current source charges up a capacitor and thus
provides a fully independent VCC level. As a result,
low power applications will not require any auxiliary
winding to supply the controller. In applications
where this winding is anyway required (see “Power
Dissipation” section in the application note), the DSS
will simplify the VCC capacitor selection.
Overcurrent Protection (OCP): When the feedback
current is below minimum value, a fault is detected. If
this fault is present for more than 80 ms, NCP1338
enters an auto−recovery soft burst mode. All pulses are
stopped and the VCC capacitor discharges down to
5.0 V. Then, by monitoring the VCC level, the startup
current source is activated ON and OFF to create a
burst mode. After the current source being activated
twice, the controller tries to restart, with a 4.0 ms
soft−start. If the fault has gone, the SMPS resumes
operation. If the fault is still there, the burst sequence
starts again. The soft−start, together with a minimum
frequency clamp, allow to reduce the noise generated
in the transformer in short−circuit conditions.
Overvoltage Protection (OVP): By continuously
monitoring the VCC voltage level, the NCP1338 stops
switching whenever an overvoltage condition is
detected.
Brown−Out Detection (BO): By monitoring the level
on Pin 1 during normal operation, the controller
protects the SMPS against low mains condition. When
Pin 1 level falls below 500 mV, the controller stops
switching until this level goes back and resumes
operation. By adjusting the resistor divider connected
between the high input voltage and this pin, start and
stop levels are programmable.
Over Power Compensation (OPC): An internal
current source injects out of Pin 3 (CS pin) a current
proportional to the voltage applied on Pin 1. As this
voltage is an image of the input voltage, by inserting a
resistor in series with Pin 3, it is possible to create an
offset on the current sense signal that will compensate
the effect of the input voltage variation.
External Latch Trip Point: By externally forcing a
level on Pin 1 (e.g., with a signal coming from a
temperature sensor) greater than 3.0 V (but below
5.0 V), it is possible to disable the output of the
controller. If the voltage is forced over 5.0 V, the
controller is permanently latched−off: to resume
normal operation, the VCC voltage should go below
4.0 V, which implies to unplug the SMPS from the
mains.
Standby Ability: Under low load conditions,
NCP1338 enters a Soft−Skip mode: when the CS
setpoint becomes lower than 20% of the maximum
peak current, output pulses are stopped, then switching
is starting again when FB loop forces a setpoint higher
than 25%. As this occurs at low peak current, with
Soft−Skip activated, and as the TOFF is clamped,
noise−free operation is guaranteed, even with a cheap
transformer.


Similar Part No. - NCP1338DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1338DR2G ONSEMI-NCP1338DR2G Datasheet
141Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
December, 2014 ??Rev. 2
More results

Similar Description - NCP1338DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207-D ONSEMI-NCP1207-D Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A Datasheet
197Kb / 16P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1207AADAPGEVB ONSEMI-NCP1207AADAPGEVB Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
NCP1207B ONSEMI-NCP1207B Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377 Datasheet
165Kb / 16P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com