Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1338DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1338DR2G
Description  PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1338DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1338DR2G Datasheet HTML 1Page - ON Semiconductor NCP1338DR2G Datasheet HTML 2Page - ON Semiconductor NCP1338DR2G Datasheet HTML 3Page - ON Semiconductor NCP1338DR2G Datasheet HTML 4Page - ON Semiconductor NCP1338DR2G Datasheet HTML 5Page - ON Semiconductor NCP1338DR2G Datasheet HTML 6Page - ON Semiconductor NCP1338DR2G Datasheet HTML 7Page - ON Semiconductor NCP1338DR2G Datasheet HTML 8Page - ON Semiconductor NCP1338DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2010
March, 2010 − Rev. 1
1
Publication Order Number:
NCP1338/D
NCP1338
PWM Current-Mode
Controller for Free Running
Quasi-Resonant Operation
The NCP1338 combines a true current mode modulator and a
demagnetization detector which ensures full Borderline/Critical
Conduction Mode in any load/line conditions together with
minimum drain voltage switching (Quasi−Resonant operation). The
transformer core reset detection is done internally, without using any
external signal, due to the Soxyless concept. The frequency is
internally limited to 130 kHz, preventing the controller from
operating above the 150 kHz CISPR−22 EMI starting limit.
By monitoring the feedback pin activity, the controller enters skip
mode as soon as the power demand falls below a predetermined
level. As each restart is softened by an internal Soft−Skip
t, and as
the frequency cannot go below 25 kHz, no audible noise can be
heard.
The NCP1338 also features an efficient protective circuitry which,
in presence of an overcurrent condition, disables the output pulses
and enters a safe burst mode, trying to restart. Once the default has
gone, the device auto−recovers. Also included is a bulk voltage
monitoring function (known as brown−out protection), an adjustable
overpower compensation, and a VCC OVP. The fault timer is reset by
any of these 3 conditions to ensure that the controller immediately
restarts when the condition disappears. Finally, an internal 4.0 ms
soft−start eliminates the traditional startup stress. NCP1338 can be
used in applications where the VCC supply voltage is delivered by an
external dc voltage source.
Features
Free−Running Borderline/Critical Mode Quasi−Resonant Operation
Current−Mode
Soft−Skip Mode with Minimum Switching Frequency for Standby
Auto−Recovery Short−Circuit Protection Independent of Auxiliary
Voltage
Overvoltage Protection
Brown−Out Protection
Two Externally Triggerable Fault Comparators (one for a disable
function, and the other for a permanent latch)
Internal 4.0 ms Soft−Start
500 mA Peak Current Drive Sink Capability
130 kHz Max Frequency
Internal Leading Edge Blanking
Internal Temperature Shutdown
Direct Optocoupler Connection
Dynamic Self−Supply with Levels of 12 V (On) and 10 V (Off)
SPICE Models Available for TRANsient and AC Analysis
These are Pb−Free Devices
Typical Applications
AC−DC Adapters for Notebooks, etc.
Offline Battery Chargers
Consumer Electronics (DVD Players, Set−Top Boxes, TVs, etc.)
Auxiliary Power Supplies (USB, Appliances, TVs, etc.)
PDIP−7
P SUFFIX
CASE 626B
PIN CONNECTIONS
Device
Package
Shipping†
ORDERING INFORMATION
NCP1338PG
PDIP−7
(Pb−Free)
50 Units/Rail
http://onsemi.com
MARKING
DIAGRAM
A
= Assembly Location
WL, L = Wafer Lot
YY, Y
= Year
WW, W = Work Week
G, G
= Pb−Free Package
(Top View)
FB
BO
CS
GND
DRV
HV
VCC
NCP1338P
AWL
YYWWG
1
SOIC−7
D SUFFIX
CASE 751U
NCP1338DR2G
SOIC−7
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
2
3
4
8
6
5
P1338
ALYWG
G
1
8
7
(Note: Microdot may be in either location)


Similar Part No. - NCP1338DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1338DR2G ONSEMI-NCP1338DR2G Datasheet
141Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
December, 2014 ??Rev. 2
More results

Similar Description - NCP1338DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207-D ONSEMI-NCP1207-D Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A Datasheet
197Kb / 16P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1207AADAPGEVB ONSEMI-NCP1207AADAPGEVB Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
NCP1207B ONSEMI-NCP1207B Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377 Datasheet
165Kb / 16P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com