Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1596A Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1596A
Description  1.5 A, 1.5 MHz Current Mode PWM Buck Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1596A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1596A Datasheet HTML 2Page - ON Semiconductor NCP1596A Datasheet HTML 3Page - ON Semiconductor NCP1596A Datasheet HTML 4Page - ON Semiconductor NCP1596A Datasheet HTML 5Page - ON Semiconductor NCP1596A Datasheet HTML 6Page - ON Semiconductor NCP1596A Datasheet HTML 7Page - ON Semiconductor NCP1596A Datasheet HTML 8Page - ON Semiconductor NCP1596A Datasheet HTML 9Page - ON Semiconductor NCP1596A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP1596A
http://onsemi.com
6
TYPICAL OPERATING CHARACTERISTICS
TA, AMBIENT TEMPERATURE (°C)
0.0
0.1
0.2
0.3
0.4
0.5
−40
0
25
85
Figure 5. Switch ON Resistance vs.
Temperature
Figure 6. Feedback Input Threshold vs.
Temperature
794
796
798
800
802
804
806
−40
0
25
85
TA, AMBIENT TEMPERATURE (°C)
Figure 7. Switching Frequency vs.
Temperature
1.44
1.46
1.48
1.50
1.52
1.54
1.56
−40
0
25
85
TA, AMBIENT TEMPERATURE (°C)
Figure 8. Main P−FET Current Limit vs.
Temperature
0.5
1.0
1.5
2.0
2.5
3.0
3.5
−40
0
25
85
TA, AMBIENT TEMPERATURE (°C)
450
470
490
510
530
550
−40
0
25
85
TA, AMBIENT TEMPERATURE (°C)
Figure 9. Quiescent Current Into VCC vs.
Temperature
250
300
350
400
450
500
−40
0
25
85
TA, AMBIENT TEMPERATURE (°C)
Figure 10. Shutdown Quiescent Current vs.
Temperature


Similar Part No. - NCP1596A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1596A ONSEMI-NCP1596A Datasheet
215Kb / 12P
   1.5 MHz Current Mode PWM Buck Down Converter
March, 2009 ??Rev. P3
NCP1596AMNTWG ONSEMI-NCP1596AMNTWG Datasheet
215Kb / 12P
   1.5 MHz Current Mode PWM Buck Down Converter
March, 2009 ??Rev. P3
More results

Similar Description - NCP1596A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1596 ONSEMI-NCP1596 Datasheet
215Kb / 12P
   1.5 MHz Current Mode PWM Buck Down Converter
March, 2009 ??Rev. P3
logo
SHANGHAI BELLING CO., L...
BL3406B BELLING-BL3406B Datasheet
462Kb / 11P
   1.5 MHz, 800mA Synchronous Buck Converter
BL9310 BELLING-BL9310 Datasheet
456Kb / 11P
   1.5 MHz, 1A Synchronous Buck Converter
logo
STMicroelectronics
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
   1.5 A, 1.5 MHz adjustable, step-down switching regulator
logo
SHANGHAI BELLING CO., L...
BL9328 BELLING-BL9328 Datasheet
338Kb / 10P
   1.5 MHz, Dual 800mA Synchronous Buck Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3100 FOSLINK-FSP3100 Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
logo
ON Semiconductor
NCP1595 ONSEMI-NCP1595_12 Datasheet
348Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
March, 2012 ??Rev. 9
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
STMicroelectronics
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com