Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3020ADR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP3020ADR2G
Description  Synchronous PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3020ADR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP3020ADR2G Datasheet HTML 1Page - ON Semiconductor NCP3020ADR2G Datasheet HTML 2Page - ON Semiconductor NCP3020ADR2G Datasheet HTML 3Page - ON Semiconductor NCP3020ADR2G Datasheet HTML 4Page - ON Semiconductor NCP3020ADR2G Datasheet HTML 5Page - ON Semiconductor NCP3020ADR2G Datasheet HTML 6Page - ON Semiconductor NCP3020ADR2G Datasheet HTML 7Page - ON Semiconductor NCP3020ADR2G Datasheet HTML 8Page - ON Semiconductor NCP3020ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
NCP3020A, NCP3020B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40°C < TJ < +125°C, VCC = 12 V, for min/max values unless otherwise noted)
Characteristic
Conditions
Min
Typ
Max
Unit
Input Voltage Range
4.5
28
V
SUPPLY CURRENT
VCC Supply Current
NCP3020A
VFB = 0.55 V, Switching, VCC = 4.5 V
5.1
8.0
mA
VFB = 0.55 V, Switching, VCC = 28 V
6.2
11
mA
VCC Supply Current
NCP3020B
VFB = 0.55 V, Switching, VCC = 4.5 V
6.8
TBD
mA
VFB = 0.55 V, Switching, VCC = 28 V
8.3
TBD
mA
UNDER VOLTAGE LOCKOUT
UVLO Rising Threshold
VCC Rising Edge
4.0
4.3
4.7
V
UVLO Falling Threshold
VCC Falling Edge
3.5
3.9
4.3
V
OSCILLATOR
Oscillator Frequency
NCP3020A
TJ = +25°C, 4.5 V v VCC v 28 V
250
300
350
kHz
TJ = −40°C to +125°C, 4.5 V v VCC v 28 V
240
300
360
kHz
Oscillator Frequency
NCP3020B
TJ = +25°C, 4.5 V v VCC v 28 V
TBD
600
TBD
kHz
TJ = −40°C to +125°C, 4.5 V v VCC v 28 V
TBD
600
TBD
kHz
Ramp−Amplitude Voltage
Vpeak − Valley
1.5
V
Ramp Valley Voltage
0.46
0.71
0.85
V
PWM
Minimum Duty Cycle
(Note 7)
7.0
%
Maximum Duty Cycle
80
84
%
Soft Start Ramp Time
NCP3020A
NCP3020B
VFB = VCOMP
6.8
3.4
ms
ERROR AMPLIFIER (GM)
Transconductance
0.9
1.3
1.7
mS
Open Loop dc Gain
(Notes 7 and 9)
70
dB
Output Source Current
VFB = 545 mV
45
70
100
mA
Output Sink Current
VFB = 655 mV
45
70
100
mA
FB Input Bias Current
0.5
500
nA
Feedback Voltage
TJ = 25 C
4.5 V < VIN < 28 V, −40°C < TJ < +125°C
0.594
0.588
0.6
0.6
0.606
0.612
V
V
COMP High Voltage
VFB = 0 V
4.0
4.4
5.0
V
COMP Low Voltage
VFB = 2 V
65
200
mV
OUTPUT VOLTAGE FAULTS
Feedback OOV Threshold
0.68
0.75
0.82
V
Feedback OUV Threshold
0.42
0.45
0.48
V
OVERCURRENT
ISET Source Current
TBD
12.5
TBD
mA
Current Limit Set Voltage (Note 8)
RSET = 22.5 kW
TBD
298
TBD
mV
7. Guaranteed by design.
8. The voltage sensed across the high side MOSFET during conduction.
9. This assumes 100 pF capacitance to ground on the COMP Pin and a typical internal Ro of > 10 MW.
10.This is not a protection feature.


Similar Part No. - NCP3020ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3020ADR2G ONSEMI-NCP3020ADR2G Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020ADR2G ONSEMI-NCP3020ADR2G Datasheet
910Kb / 25P
   Synchronous Buck Controller, 28 V
December, 2018 - Rev. 7
More results

Similar Description - NCP3020ADR2G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com