Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3020BDR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP3020BDR2G
Description  Synchronous PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3020BDR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP3020BDR2G Datasheet HTML 3Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 4Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 5Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 6Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 7Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 8Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 9Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 10Page - ON Semiconductor NCP3020BDR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
NCP3020A, NCP3020B
http://onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 9. Switching Frequency vs. Input Voltage
and Temperature
Figure 10. Transconductance vs. Input Voltage
and Temperature
Figure 11. Input Undervoltage Lockout vs.
Temperature
Figure 12. Output Overvoltage Lockout vs. Input
Voltage and Temperature
Figure 13. Supply Current vs. Input Voltage and
Temperature
Figure 14. Supply Current vs. Input Voltage and
Temperature
TEMPERATURE (°C)
125
110
50
5
−40
540
560
580
600
620
640
660
VCC = 12 V, 28 V
−25 −10
20
35
65
80
95
VCC = 5 V
TEMPERATURE (°C)
125
110
50
5
−40
1.00
1.05
1.10
1.15
1.20
1.25
1.30
VCC = 12 V, 28 V
−25 −10
20
35
65
80
95
VCC = 5 V
1.35
1.40
1.45
1.50
TEMPERATURE (°C)
125
110
50
5
−40
3.8
3.9
4.0
4.1
4.2
4.3
4.4
UVLO Rising
−25 −10
20
35
65
80
95
TEMPERATURE (°C)
125
110
50
5
−40
400
440
480
520
560
600
640
−25 −10
20
35
65
80
95
680
720
760
800
UVLO Falling
OOV, VCC = 5 − 28 V
OOV, VCC = 5 − 28 V
TEMPERATURE (°C)
125
110
50
5
−40
4.0
4.5
5.0
5.5
6.0
6.5
7.5
VCC = 28 V
−25 −10
20
35
65
80
95
7.0
VCC = 12 V
VCC = 5 V
TBD
NCP3020A
NCP3020B


Similar Part No. - NCP3020BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3020BDR2G ONSEMI-NCP3020BDR2G Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020BDR2G ONSEMI-NCP3020BDR2G Datasheet
910Kb / 25P
   Synchronous Buck Controller, 28 V
December, 2018 - Rev. 7
More results

Similar Description - NCP3020BDR2G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com