Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5380 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5380
Description  7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5380 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5380 Datasheet HTML 1Page - ON Semiconductor NCP5380 Datasheet HTML 2Page - ON Semiconductor NCP5380 Datasheet HTML 3Page - ON Semiconductor NCP5380 Datasheet HTML 4Page - ON Semiconductor NCP5380 Datasheet HTML 5Page - ON Semiconductor NCP5380 Datasheet HTML 6Page - ON Semiconductor NCP5380 Datasheet HTML 7Page - ON Semiconductor NCP5380 Datasheet HTML 8Page - ON Semiconductor NCP5380 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
NCP5380
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS VCC = 5 V, FBRTN = 112.5 mV, VVID = 1.25 V, TA = 0°C to 85°C, unless otherwise noted (Note 1).
Current entering a pin (sunk by the device) has a positive sign.
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
VOLTAGE CONTROL VOLTAGE ERROR AMPLIFIER (VEAMP)
COMP Slew Rate
SRCOMP
CCOMP = 10 pF, CSREF = VDAC,
Open loop configuration
FB forced 200 mV below CSREF
FB forced 200 mV above CSREF
15
−20
V/ms
Gain Bandwidth (Note 2)
GBW
Non−inverting unit gain
configuration, RFB = 1 kW
20
MHz
VID DAC VOLTAGE REFERENCE
VDAC Voltage Range (Note 2)
See VID table
0
1.6
V
VDAC Accuracy
VFB − VDAC
Measured on FB (includes offset),
relative to nominal VDAC
VDAC = 0.5 V to 1.6000 V
VDAC = 0.3 V to 0.4875 V
−7
−9
+7
+9
mV
VDAC Differential Nonlinearity
(Note 2)
−1
+1
LSB
VDAC Line Regulation
ΔVFB
VCC = 4.75 V to 5.25 V
0.05
%
VDAC Slew Rate
Soft−start
Arbitrary VID step
0.0625
1
LSB/
ms
FBRTN Current
IFBRTN
70
200
mA
BOOT VOLTAGE
Boot Voltage
Vboot
1.1
V
Boot Voltage Timer
tboot
50
70
100
ms
VID DAC INPUTS
Input Low Voltage
VIL
VID(x)
0.5
0.3
V
Input High Voltage
VIH
VID(x)
0.7
0.5
V
Input Current
IIN(VID)
Sink current
1
mA
VID Transition Delay Time (Note 2)
VID Code Change to FB Change
400
ns
REFERENCE CURRENT
IREF Voltage
VIREF
RIREF = 80 kW to Set IREF = 20 mA
1.55
1.6
1.65
mA
OSCILLATOR
Frequency Range (Note 2)
fOSC
0.3
3
MHz
Oscillator Frequency
FOSC
TA = +25°C, VVID = 1.20 V,
Clocked PWM Mode
kHz
RT = 60 kW
900
1200
1500
RT = 120 kW
465
600
725
RT = 180 kW
300
400
500
RT Output Voltage
VRT
VVID = 1.6 V
1.08
1.2
1.35
V
RPM Output Current
IRPM
VVID = 1.250 V, RT = 500 kW
−5
mA
RAMP Input Voltage
VRAMP
0.9
1.0
1.1
V
RAMP Input Current Range
IRAMP
EN = high
1
100
mA
RAMP Input Current in Shutdown
EN = low or in UVLO, RAMP = 19 V
−0.5
+0.5
mA
CURRENT SENSE AMPLIFIER
Offset Voltage
VOS(CSA)
CSFB − CSREF
−1.4
+1.4
mV
Input Bias Current
IBIAS(CSFB)
−50
+50
nA
1. All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2. Guaranteed by design or bench characterization, not production tested.


Similar Part No. - NCP5380

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380AMNR2G ONSEMI-NCP5380AMNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5380

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com