Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5380MNR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP5380MNR2G
Description  7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5380MNR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP5380MNR2G Datasheet HTML 4Page - ON Semiconductor NCP5380MNR2G Datasheet HTML 5Page - ON Semiconductor NCP5380MNR2G Datasheet HTML 6Page - ON Semiconductor NCP5380MNR2G Datasheet HTML 7Page - ON Semiconductor NCP5380MNR2G Datasheet HTML 8Page - ON Semiconductor NCP5380MNR2G Datasheet HTML 9Page - ON Semiconductor NCP5380MNR2G Datasheet HTML 10Page - ON Semiconductor NCP5380MNR2G Datasheet HTML 11Page - ON Semiconductor NCP5380MNR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
NCP5380
http://onsemi.com
8
Pin Function Descriptions
Pin No.
Mnemonic
Description
1
PWRGD
Power−Good Output. Open−drain output. A low logic state means that the output voltage is outside of the
VID DAC defined range.
2
IMON
Current Monitor Output. This pin sources current proportional to the output load current. A resistor connec-
ted to VSS Sense sets the current monitor gain.
3
N/C
4
FBRTN
Feedback Return Input/Output. This pin remotely senses the output voltage. It is also used as the ground
return for the VID DAC and the voltage error amplifier blocks. It is also used to adjust the no−load offset.
5
FB
Voltage Error Amplifier Feedback Input. The inverting input of the voltage error amplifier.
6
COMP
Voltage Error Amplifier Output and Frequency Compensation Point.
7
GND
Analog and digital signal ground.
8
ILIM
Current Limit Set pin. Connect a resistor between ILIM and CSCOMP to the current limit threshold.
9
IREF
This pin sets the internal bias currents. A 100 kW is connected from IREF to ground.
10
RPM
RPM Mode Timing Control Input. A resistor is connected from RPM to ground sets the RPM mode turn−on
threshold voltage.
11
RT
PWM Oscillator Frequency Setting Input. An external resistor from this pin to GND sets the PWM oscillator
frequency.
12
RAMP
PWM Ramp Slope Setting Input. An external resistor from the converter input voltage node to this pin sets
the slope of the internal PWM stabilizing ramp.
13
LLINE
Load Line Programming Input. The center point of a resistor divider connected between CSREF and
CSCOMP tied to this pin sets the load line slope.
14
CSREF
Current Sense Reference Input. This pin must be connected to the opposite side of the output inductor.
15
CSFB
Noninverting Input of the Current Sense Amplifier. The combination of a resistor from the switch node to
this pin and the feedback network from this pin to the CSCOMP pin sets the gain of the current sense
amplifier.
16
CSCOMP
Current Sense Amplifier Output.
17
GND
Analog and Digital Signal Ground.
18
PGND
Low−Side Driver Power Ground. This pin should be connected close to the source of the lower
MOSFET(s).
19
DRVL
Low−Side Gate Drive Output.
20
PVCC
Power Supply Input/Output of Low−Side Gate Driver.
21
SW
Current Return For High−Side Gate Drive.
22
DRVH
High−Side Gate Drive Output.
23
BST
High−Side Bootstrap Supply. A capacitor from this pin to SW holds the bootstrapped voltage while the
high−side MOSFET is on.
24
VCC
Power Supply Input/Output of the Controller.
25 to
31
VID7 to VID1
Voltage Identification DAC Inputs. A 7−bit word (the VID code) programs the DAC output voltage, the refer-
ence voltage of the voltage error amplifier without a load (see the VID code table, Table 4). In normal opera-
tion mode, the VID DAC output programs the output voltage to a value within the 0 V to 1.6 V range (with
FBRTN = 112.5 mV). The input is actively pulled down.
32
EN
Enable Input. Driving this pin low shuts down the chip, disables the driver outputs, and pulls PWRGD low.
Flag
PGND
High current power supply return via metal pad (flag) underneath package. Connect to pin 7.


Similar Part No. - NCP5380MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5380MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com