Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5386 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP5386
Description  1/2 Phase Controller for CPU and Chipset Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5386 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP5386 Datasheet HTML 1Page - ON Semiconductor NCP5386 Datasheet HTML 2Page - ON Semiconductor NCP5386 Datasheet HTML 3Page - ON Semiconductor NCP5386 Datasheet HTML 4Page - ON Semiconductor NCP5386 Datasheet HTML 5Page - ON Semiconductor NCP5386 Datasheet HTML 6Page - ON Semiconductor NCP5386 Datasheet HTML 7Page - ON Semiconductor NCP5386 Datasheet HTML 8Page - ON Semiconductor NCP5386 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
NCP5386, NCP5386A, NCP5386B
http://onsemi.com
3
VID0
VCC
VID1
VID2
VID3
VID4
VID5
VID6
VID7
EN
VR_RDY
VS−
VS+
GND
VID0
VID1
VID2
VID3
VID4
VID5
VID6
VID7
VR_RDY
VR_EN
VTT
680 W PULLUPS
U1
RVCC
CVCC1
+5 V
VCC
BST
DRVH
SW
DRVL
PGND
OD
IN
C4
12 V_FILTER
RS1
CS1
CS1
12 V_FILTER
NCP3418B
VCC
BST
DRVH
SW
DRVL
PGND
OD
IN
12 V_FILTER
12 V_FILTER
CS2
DRVON
SS
ROSC
COMP
+
DIFFOUT
RT2
RISO2
CFB1
RFB1
RFB
VFB
RDRP
VDRP
CD1
RD1
ILIM
CF
RF
CH
CSS
RLIM1
RLIM2
VCCP
VSSP
CPU/MCH
GND
NCP5386/A/B
RT2 LOCATED NEAR OUTPUT INDUCTORS
G1
G2
RISO1
Figure 2. 2−Phase Application Schematic
VR_FAN
VR_FAN
DACMODE
VID_SEL
RVFB
12VMON
NTC
RNTC1
+5 V
RNTC2
RT1
CS1N
RS2
CS2
CS2N
NCP3418


Similar Part No. - NCP5386

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380A ONSEMI-NCP5380A Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380AMNR2G ONSEMI-NCP5380AMNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5386

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5387 ONSEMI-NCP5387 Datasheet
347Kb / 37P
   2/3/4 Phase Controller for CPU Applications
April, 2007 ??Rev. 3
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
logo
Richtek Technology Corp...
RT8869A RICHTEK-RT8869A Datasheet
423Kb / 19P
   Advanced 2/1-Phase PWM Controller for CPU Core Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com