Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5386A Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP5386A
Description  1/2 Phase Controller for CPU and Chipset Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5386A Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP5386A Datasheet HTML 7Page - ON Semiconductor NCP5386A Datasheet HTML 8Page - ON Semiconductor NCP5386A Datasheet HTML 9Page - ON Semiconductor NCP5386A Datasheet HTML 10Page - ON Semiconductor NCP5386A Datasheet HTML 11Page - ON Semiconductor NCP5386A Datasheet HTML 12Page - ON Semiconductor NCP5386A Datasheet HTML 13Page - ON Semiconductor NCP5386A Datasheet HTML 14Page - ON Semiconductor NCP5386A Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
NCP5386, NCP5386A, NCP5386B
http://onsemi.com
11
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated: 0°C < TA < 85°C; 4.75 V < VCC < 5.25 V; All DAC Codes; CVCC = 0.1 mF)
Parameter
Units
Max
Typ
Min
Test Conditions
Overvoltage Protection
Overvoltage Threshold
DAC+
160
DAC+
200
mV
Delay (Note 3)
100
ns
Undervoltage Protection
VCC UVLO Start Threshold
4
4.5
V
VCC UVLO Stop Threshold
3.8
4.3
V
VCC UVLO Hysteresis
100
215
mV
VID Inputs
Upper Threshold
VUPPER
800
mV
Lower Threshold
VLOWER
300
mV
Input Bias Current
500
nA
Delay before Latching VID Change
(VID De−Skewing) (Note 3)
Measured from the edge of the first VID
change
500
800
ns
Internal DAC Slew Rate Limiter
Positive Slew Rate Limit
VID Step of +500 mV
6.3
mV/ms
Negative Slew Rate Limit
VID Step of −500 mV
−6.3
mV/ms
Input Supply Current
VCC Operating Current
EN = LOW, No PWM
20
mA
Temperature Sensing
VR_FAN Upper Voltage Threshold
Fraction of VREF voltage above which
VR_FAN output pulls low
0.4 x
VREF
VR_FAN Lower Voltage Threshold
Fraction of VREF voltage below which
VR_FAN output is open
0.33 x
VREF
VR_FAN Output Saturation Voltage
ISINK = 4 mA
0.3
V
VR_FAN Output Leakage Current
High Impedance State
1
mA
NTC Pin Bias Current
1
mA
12VMON
12VMON (Rising Threshold)
Sufficient power stage supply voltage
0.728
0.821
V
12VMON (Falling Threshold)
Insufficient power stage supply voltage
0.643
0.725
V
3. Guaranteed by design. Not tested in production.


Similar Part No. - NCP5386A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380A ONSEMI-NCP5380A Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380AMNR2G ONSEMI-NCP5380AMNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5386A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5387 ONSEMI-NCP5387 Datasheet
347Kb / 37P
   2/3/4 Phase Controller for CPU Applications
April, 2007 ??Rev. 3
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
logo
Richtek Technology Corp...
RT8869A RICHTEK-RT8869A Datasheet
423Kb / 19P
   Advanced 2/1-Phase PWM Controller for CPU Core Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com