Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5392TMNR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5392TMNR2G
Description  2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5392TMNR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5392TMNR2G Datasheet HTML 3Page - ON Semiconductor NCP5392TMNR2G Datasheet HTML 4Page - ON Semiconductor NCP5392TMNR2G Datasheet HTML 5Page - ON Semiconductor NCP5392TMNR2G Datasheet HTML 6Page - ON Semiconductor NCP5392TMNR2G Datasheet HTML 7Page - ON Semiconductor NCP5392TMNR2G Datasheet HTML 8Page - ON Semiconductor NCP5392TMNR2G Datasheet HTML 9Page - ON Semiconductor NCP5392TMNR2G Datasheet HTML 10Page - ON Semiconductor NCP5392TMNR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
NCP5392T
http://onsemi.com
7
PIN DESCRIPTIONS
Pin No.
Symbol
Description
1
EN
Threshold sensitive input. High = startup, Low = shutdown.
2
VID0
Voltage ID DAC input
3
VID1
Voltage ID DAC input
4
VID2
Voltage ID DAC input
5
VID3
Voltage ID DAC input
6
VID4
Voltage ID DAC input
7
VID5
Voltage ID DAC input
8
VID6
Voltage ID DAC input
9
VID7
Voltage ID DAC input
10
ROSC
A resistance from this pin to ground programs the oscillator frequency according to fSW. This pin supplies a
trimmed output voltage of 2 V.
11
ILIM
Overcurrent shutdown threshold setting. Connect this pin to the ROSC pin via a resistor divider as shown in
the Application Schematics. To disable the overcurrent feature, connect this pin directly to the ROSC pin. To
guarantee correct operation, this pin should only be connected to the voltage generated by the ROSC pin; do
not connect this pin to any externally generated voltages.
12
IMON
0 mV to 900 mV analog signal proportional to the output load current. VSN referenced
13
VSP
Non−inverting input to the internal differential remote sense amplifier
14
VSN
Inverting input to the internal differential remote sense amplifier
15
DIFFOUT
Output of the differential remote sense amplifier
16
COMP
Output of the error amplifier
17
VFB
Compensation Amplifier Voltage feedback
18
VDRP
Voltage output signal proportional to current used for current limit and output voltage droop
19
VDFB
Droop Amplifier Voltage Feedback
20
CSSUM
Inverted Sum of the Differential Current Sense inputs. Av=CSSUM/CSx = −4
21
CS1N
Inverting input to current sense amplifier #1
22
CS1
Non−inverting input to current sense amplifier #1
23
CS2N
Inverting input to current sense amplifier #2
24
CS2
Non−inverting input to current sense amplifier #2
25
CS3N
Inverting input to current sense amplifier #3
26
CS3
Non−inverting input to current sense amplifier #3
27
CS4N
Inverting input to current sense amplifier #4
28
CS4
Non−inverting input to current sense amplifier #4
29
DRVON
Bidirectional Gate Drive Enable
30
G1
PWM output pulse to gate driver. 3−level output: Low = LSFET Enabled, Mid = Diode Emulation Enabled,
High = HSFET Enabled
31
G2
PWM output pulse to gate driver. 3−level output (see G1)
32
G3
PWM output pulse to gate driver. 3−level output (see G1)
33
G4
PWM output pulse to gate driver. 3−level output (see G1)
34
12VMON
Monitor a 12 V input through a resistor divider.
35
VCC
Power for the internal control circuits.
36
DAC
DAC Feed Forward Output
37
PSI
Power Saving Control. Low = single phase operation, High = normal operation.
38
NTC
Threshold sensitive input for thermal monitoring
39
VR_RDY
Open collector output. High indicates that the output is regulating
40
VR_HOT
Open collector output indicates the state of the thermal monitoring input. Low impedance output indicating a
normal status when the voltage of NTC pin is above the specified threshold. This pin will transition to high
impedance when the voltage of NTC pin decrease (temperature increase) below the specified threshold.
This pin requires an external pullup resistor
FLAG
GND
Power supply return (QFN Flag)


Similar Part No. - NCP5392TMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392MNR2G ONSEMI-NCP5392MNR2G Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5392PMNR2G ONSEMI-NCP5392PMNR2G Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
More results

Similar Description - NCP5392TMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5387 ONSEMI-NCP5387 Datasheet
347Kb / 37P
   2/3/4 Phase Controller for CPU Applications
April, 2007 ??Rev. 3
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP5395T ONSEMI-NCP5395T Datasheet
287Kb / 25P
   2/3/4-Phase Controller with On Board Gate Drivers for CPU Applications
June, 2009 ??Rev. 0
logo
Renesas Technology Corp
ISL78225 RENESAS-ISL78225 Datasheet
1Mb / 22P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com