Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2128 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2128 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2128_09 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2128_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2128_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2128_09 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2128_09 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2128_09 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2128_09 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2128_09 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2128_09 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
11
Oct. 2009 Rev. 1.8
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 11. Dropout Voltage vs. Case Temperature
Figure 8. Dropout Voltage vs. Output Current
50
100
150
200
250
300
0
20
40
60
80
100
120
140
160
180
200
220
240
Output Current (mA)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
V
OUT=3.3V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
20
40
60
80
100
120
140
160
180
Output Current (A)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
V
IN=6V, VOUT=5.2V
-40
-20
0
2040
6080
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Case Temperature (
oC)
I
OUT=10mA
I
OUT=150mA
I
OUT=300mA
V
IN=4.3V, VOUT=3.3V
-40
-20
0
2040
6080
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
Case Temperature (
oC)
I
OUT=10mA
I
OUT=150mA
I
OUT=300mA
V
IN=6V, VOUT=5.2V
Figure 9. Dropout Voltage vs. Output Current
Figure 10. Dropout Voltage vs. Case Temperature


Similar Part No. - AP2128_09

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2128K-1.0TRG1 BCDSEMI-AP2128K-1.0TRG1 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128K-1.0TRG1 BCDSEMI-AP2128K-1.0TRG1 Datasheet
862Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2128K-1.0TRG1 DIODES-AP2128K-1.0TRG1 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
logo
BCD Semiconductor Manuf...
AP2128K-1.2TRG1 BCDSEMI-AP2128K-1.2TRG1 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128K-1.2TRG1 BCDSEMI-AP2128K-1.2TRG1 Datasheet
862Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
More results

Similar Description - AP2128_09

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com