Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2127K-1.0TRG1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP2127K-1.0TRG1
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2127K-1.0TRG1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2127K-1.0TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2127K-1.0TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2127K-1.0TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2127K-1.0TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2127K-1.0TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2127K-1.0TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2127K-1.0TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2127K-1.0TRG1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2127K-1.0TRG1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2127
10
Oct. 2009 Rev. 1.3
BCD Semiconductor Manufacturing Limited
Data Sheet
Typical Performance Characteristics (Continued)
Figure 15. Quiescent Current vs. Input Voltage
1234
56
-10
0
10
20
30
40
50
60
70
80
Input Voltage (V)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
I
OUT=0
V
OUT=1.0V
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50 0.55 0.60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Current (A)
V
IN=3.8V
V
IN=4.3V
V
IN=6V
T
C=25
oC, V
OUT=3.3V
Figure 13. Output Voltage vs. Output Current
0.00.10.20.30.40.5
0
1
2
3
4
5
6
Output Current (A)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
V
IN=6V, VOUT=5.2V
Figure 14. Output Voltage vs. Output Current
012
3
4
56
0
10
20
30
40
50
60
70
80
Input Voltage (V)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
I
OUT=0, VOUT=3.3V
Figure 16. Quiescent Current vs. Input Voltage


Similar Part No. - AP2127K-1.0TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2127K-1.0TRG1 BCDSEMI-AP2127K-1.0TRG1 Datasheet
319Kb / 2P
   300mA HIGH SPEEDEXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127K-1.0TRG1 DIODES-AP2127K-1.0TRG1 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
More results

Similar Description - AP2127K-1.0TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com