Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2213H-3.0TRE1 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP2213H-3.0TRE1
Description  500mA LOW NOISE LDO REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2213H-3.0TRE1 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP2213H-3.0TRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2213H-3.0TRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2213H-3.0TRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2213H-3.0TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2213H-3.0TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2213H-3.0TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2213H-3.0TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2213H-3.0TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2213H-3.0TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
500mA LOW NOISE LDO REGULATOR
AP2213
Data Sheet
3
Nov. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
+
-
Bandgap
Ref.
Current Limit
Thermal Shutdown
V
IN
BYP
EN
GND
V
OUT
Functional Block Diagram
Figure 3. Functional Block Diagram of AP2213
A for TO-252-2 (1)
B for SOIC-8
1 (2) (3)
2 (5, 6, 7, 8) (1)
(1)
(4)
3 (3) (2)
A (B) (C)
C for SOT-223


Similar Part No. - AP2213H-3.0TRE1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2213H-3.0TRE1 DIODES-AP2213H-3.0TRE1 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
More results

Similar Description - AP2213H-3.0TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
   LOW NOISE 500mA LDO REGULATOR
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com