Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3030 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP3030
Description  WHITE LED STEP-UP CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3030 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3030_09 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3030_09 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3030_09 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3030_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3030_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3030_09 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3030_09 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3030_09 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3030_09 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Oct. 2009 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
WHITE LED STEP-UP CONVERTER
AP3030
Data Sheet
Mechanical Dimensions
SOT-23-6
Unit: mm(inch)
2.820(0.111)
3.020(0.119)
0.950(0.037)TYP
1.800(0.071)
2.000(0.079)
0.300(0.012)
0.400(0.016)
0.700(0.028)REF
0.100(0.004)
0.200(0.008)
0.200(0.008)
0.300(0.012)
0.600(0.024)
0.000(0.000)
0.100(0.004)
0.900(0.035)
1.300(0.051)
1.450(0.057)
MAX
12
3
4
5
6
Pin 1 Dot by Marking


Similar Part No. - AP3030_09

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3030KTR-E1 BCDSEMI-AP3030KTR-E1 Datasheet
240Kb / 13P
   WHITE LED STEP-UP CONVERTER
AP3030KTR-G1 BCDSEMI-AP3030KTR-G1 Datasheet
240Kb / 13P
   WHITE LED STEP-UP CONVERTER
AP3030KTTR-E1 BCDSEMI-AP3030KTTR-E1 Datasheet
240Kb / 13P
   WHITE LED STEP-UP CONVERTER
AP3030KTTR-G1 BCDSEMI-AP3030KTTR-G1 Datasheet
240Kb / 13P
   WHITE LED STEP-UP CONVERTER
More results

Similar Description - AP3030_09

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
   WHITE LED STEP-UP CONVERTER
AP3031 BCDSEMI-AP3031 Datasheet
340Kb / 16P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com