Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3039 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3039
Description  BOOST CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3039 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3039_09 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3039_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
BOOST CONTROLLER
AP3039
Data Sheet
1
BCD Semiconductor Manufacturing Limited
Dec. 2009 Rev. 1. 4
General Description
AP3039 is a current mode high voltage low-side N-
channel MOSFET controller which is ideal for boost
regulators. It contains all the features needed to imple-
ment single ended primary topology DC/DC
converters.
The input voltage range of AP3039 is from 5V to 27V.
Its operation frequency is adjustable from 200kHz to
1MHz.
The AP3039 has UVLO (Under Voltage Lock Out)
circuit. It uses two external resistors to set the UVLO
voltage. The AP3039 also has an over output voltage
protection to limit the output voltage. The OVP volt-
age can be set through external resistors. If the output
voltage is higher than the OVP high threshold point, it
will disable the driver, when the output voltage drops
to the OVP low threshold point, it will enable the
driver. It also features a soft start to reduce the inrush
current when power on, the soft start time can be set
through an external capacitor.
The AP3039 is available in QFN-3x3-16 and SOIC-14
packages.
Features
·
Input Voltage Range 5V to 27V
·
0.6A Peak MOSFET Gate Driver
·
20ns Quick MOSFET Gate Driver
·
Duty Cycle Limit of 90%
·
Programmable UVLO
·
Programmable Over Voltage Protection
·
Cycle by Cycle Current Limit
·
Adjustable Soft-Start
·
Adjustable Operation Frequency from 200kHz to
1MHz
Applications
·
LED Lighting
·
Notebook
·
LCD Display Modules
Figure 1. Package Types of AP3039
QFN-3x3-16
SOIC-14


Similar Part No. - AP3039_09

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3039FNTR-G1 BCDSEMI-AP3039FNTR-G1 Datasheet
286Kb / 16P
   BOOST CONTROLLER
More results

Similar Description - AP3039_09

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3039 BCDSEMI-AP3039 Datasheet
286Kb / 16P
   BOOST CONTROLLER
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863 Datasheet
378Kb / 27P
   Boost Controller
V1.0, May 2003
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
   PWM BOOST CONTROLLER
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
   PWM BOOST CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM5174 HMSEMI-HM5174 Datasheet
968Kb / 12P
   SYNCHRONOUS BOOST CONTROLLER
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
   Boost/buck-boost DC-DC controller
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com