Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZV393MTR-E1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AZV393MTR-E1
Description  DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV393MTR-E1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV393MTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV393MTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV393MTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV393MTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV393MTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV393MTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV393MTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV393MTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV393MTR-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
9
Nov. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV393
9
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 17. Response Time for Negative Transition
Figure 18. Response Time for Negative Transition
Typical Performance Characteristics (Continued)
TA=25oC, unless otherwise specified.
Figure 15. Response Time for Positive Transition
Figure 16. Response Time for Positive Transition
V
CC=5V
V
CC=2.7V
Output
Output
Input
RL=5.1KΩ
Input Overdrive Voltage=10mV
V
CC=5V
V
CC=2.7V
Output
Output
Input
RL=5.1KΩ
Input Overdrive Voltage=100mV
V
CC=5V
V
CC=2.7V
Output
Input
RL=5.1KΩ
Input Overdrive Voltage=10mV
V
CC=5V
V
CC=2.7V
Output
Input
RL=5.1KΩ
Input Overdrive Voltage=100mV


Similar Part No. - AZV393MTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV393MTR-E1 BCDSEMI-AZV393MTR-E1 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393MTR-E1 DIODES-AZV393MTR-E1 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

Similar Description - AZV393MTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV393 BCDSEMI-AZV393 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393 DIODES-AZV393 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
   General-purpose low voltage comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
[Old version datasheet]   Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
[Old version datasheet]   Single General-Purpose Voltage Comparator
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com