Electronic Components Datasheet Search |
|
AZV393G-E1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited |
|
AZV393G-E1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited |
4 / 16 page SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER AZV321 4 Nov. 2009 Rev. 1. 3 BCD Semiconductor Manufacturing Limited DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR AZV393 4 BCD Semiconductor Manufacturing Limited Data Sheet 2.7V DC Electrical Characteristics Parameter Symbol Conditions Min Typ Max Unit Input Offset Voltage VOS 1.7 7 mV 9 Input Offset Voltage Average Drift TCVOS 5 µV/oC Input Bias Current IB IIN+ or IIN- with output in linear range, VCM=0V 10 250 nA 400 Input Offset Current IIO IIN+ - IIN-, VCM=0V 550 nA 150 Saturation Voltage VSAT ISINK≤1mA 200 mV 500 Output Sink Current ISINK VO≤1.5V 523 mA Input Common-Mode Voltage Range VCM -0.1 2 V Supply Current ICC 70 150 µA 200 Output Leakage Current ILEAKAGE 0.003 µA Limits in standard typeface are guaranteed for TA=25oC, VCC=2.7V, VEE=0V, RL=5.1kΩ connected to VCC and VCM=0, bold typeface applies over full temperature ranges, unless otherwise specified. 2.7V AC Electrical Characteristics Parameter Symbol Conditions Min Typ Max Unit Propagation Delay (High to Low) TPHL Input Overdrive=10mV 1000 ns Input Overdrive=100mV 350 Propagation Delay (Low to High) TPLH Input Overdrive=10mV 500 ns Input Overdrive=100mV 400 All limits are guaranteed for TA=25oC, VCC=2.7V, VEE=0V, RL=5.1kΩ connected to VCC and VCM=0, unless otherwise specified. Parameter Symbol Min Max Unit Supply Voltage VCC 2.5 5.5 V Ambient Operating Temperature Range TA -40 85 oC Recommended Operating Conditions |
Similar Part No. - AZV393G-E1 |
|
Similar Description - AZV393G-E1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |