Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZV393MMTR-E1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZV393MMTR-E1
Description  DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV393MMTR-E1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZV393MMTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV393MMTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
1
Nov. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV393
1
BCD Semiconductor Manufacturing Limited
Data Sheet
General Description
The AZV393 is a low voltage 2.5V to 5.5V, dual com-
parator, which has a very low supply current of 100µA,
making the part an excellent choice for portable elec-
tronic systems. The device is pin-for-pin compatible
replacement of the LMV393.
The AZV393 is built with BiCMOS process with bipo-
lar input and output stages for improved noise perfor-
mance. It is a cost-effective solution for portable
consumer products where space, low voltage, low
power and price are the primary specification in circuit
design.
The AZV393 is available in standard SOIC-8 and
space saving TSSOP-8 and MSOP-8 packages.
Features
·
Guaranteed 2.5V to 5.5V Performance
·
Industrial Temperature Range: -40oC to 85oC
·
Low Supply Current: 100µA Typical
·
Input Common Mode Voltage Range Includes
Ground
·
Low Output Saturation Voltage: 200mV Typical
·
Open Collector Output for Maximal Flexibility
Applications
·
Notebook and PDA
·
Low Power, Low Voltage Applications
·
General Purpose Portable Devices
·
Mobile Communications
·
Battery Powered Electronics
Figure 1. Package Types of AZV393
SOIC-8
TSSOP-8
MSOP-8


Similar Part No. - AZV393MMTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV393MMTR-E1 BCDSEMI-AZV393MMTR-E1 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393MMTR-E1 DIODES-AZV393MMTR-E1 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

Similar Description - AZV393MMTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV393 BCDSEMI-AZV393 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393 DIODES-AZV393 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
   General-purpose low voltage comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
[Old version datasheet]   Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
[Old version datasheet]   Single General-Purpose Voltage Comparator
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com