Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62709F Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TB62709F
Description  7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62709F Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TB62709F Datasheet HTML 6Page - Toshiba Semiconductor TB62709F Datasheet HTML 7Page - Toshiba Semiconductor TB62709F Datasheet HTML 8Page - Toshiba Semiconductor TB62709F Datasheet HTML 9Page - Toshiba Semiconductor TB62709F Datasheet HTML 10Page - Toshiba Semiconductor TB62709F Datasheet HTML 11Page - Toshiba Semiconductor TB62709F Datasheet HTML 12Page - Toshiba Semiconductor TB62709F Datasheet HTML 13Page - Toshiba Semiconductor TB62709F Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
593
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
TOSHIBA Bi-CMOS Integrated
Circuit Silicon Monolithic
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
TB62709N/F
TB62709N/F
TB62709N/F
TB62709N/F
TB62709N/F
Data Decode
The TB62709F utilizes two basic modes of operation. In the DECODE MODE, data encoded in
data bits D7~D0 is decoded to display preset characters per table 8. This mode is activated as
illustrated in table 5. With D15~D8 programmed as 21 Hex and D7~D4 as 1 Hex the DECODE
MODE is selected.
In the DIRECT DRIVE MODE the ability to decode data to preset characters for display is
bypassed giving the programmer direct control of the 8 constant current sink outputs. This mode
may be used to drive discrete LEDs or to display characters not included in the character set.
“x” indicates that data is required in this field to execute the function. “-” indicates that data in
this field is not required and not recognized.
This programming step is performed simultaneously with the DIGIT SELECTION decision (table
4) which utilizes D3~D0.The initial state, upon power up, is the DECODE mode.
Table below illustrates the input / output relationship in the DIRECT DRIVE mode. A Logic 1
data state turns the respective output on and a Logic 0 data state turns the respective output off.
REGISTER DATA
INITIAL
STATE
FUNCTION
D15~D8
D7
D6
D5
D4
D3~D0
Hex Code
Direct Drive
21H
0
0
0
0
X
210XH
Decode
21H
0
0
0
1
X
211XH
REGISTER DATA
OUTPUT
INITIAL STATE
NOTE
D0
Out-a
L
H Data is
output ON (1)
and
L Data is
output OFF (0)
D1
Out-b
L
D2
Out-c
L
D3
Out-d
L
D4
Out-e
L
D5
Out-f
L
D6
Out-g
L
D7
Out-DP
L


Similar Part No. - TB62709F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62709F TOSHIBA-TB62709F Datasheet
636Kb / 24P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB62709F TOSHIBA-TB62709F Datasheet
573Kb / 28P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709FG TOSHIBA-TB62709FG Datasheet
1Mb / 26P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709FG TOSHIBA-TB62709FG Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
More results

Similar Description - TB62709F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62785NG TOSHIBA-TB62785NG Datasheet
996Kb / 30P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TB62709N TOSHIBA-TB62709N_06 Datasheet
573Kb / 28P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG Datasheet
1Mb / 26P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG_06 Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
logo
Marktech Corporate
TB62785NG MARKTECH-TB62785NG Datasheet
825Kb / 27P
   7?뭆EGMENT DRIVERS WITH BUILT?묲N DECODERS
TB62785NG MARKTECH-TB62785NG_15 Datasheet
825Kb / 27P
   7?뭆EGMENT DRIVERS WITH BUILT?묲N DECODERS
logo
Fairchild Semiconductor
DM7447AN FAIRCHILD-DM7447AN Datasheet
56Kb / 6P
   BCD to 7-Segment Decoders/Drivers
DM7446A FAIRCHILD-DM7446A Datasheet
52Kb / 6P
   BCD to 7-Segment Decoders/Drivers
logo
National Semiconductor ...
DM7446A NSC-DM7446A Datasheet
118Kb / 6P
   BCD to 7-Segment Decoders/Drivers
logo
Micro Electronics
MMC22926 MICRO-ELECTRONICS-MMC22926 Datasheet
157Kb / 5P
   4 DIGIT COUNTERS WITH MULTIPLEXED 7 SEGMENT OUTPUT DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com