Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62709F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TB62709F
Description  7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62709F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TB62709F Datasheet HTML 1Page - Toshiba Semiconductor TB62709F Datasheet HTML 2Page - Toshiba Semiconductor TB62709F Datasheet HTML 3Page - Toshiba Semiconductor TB62709F Datasheet HTML 4Page - Toshiba Semiconductor TB62709F Datasheet HTML 5Page - Toshiba Semiconductor TB62709F Datasheet HTML 6Page - Toshiba Semiconductor TB62709F Datasheet HTML 7Page - Toshiba Semiconductor TB62709F Datasheet HTML 8Page - Toshiba Semiconductor TB62709F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
586
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
TOSHIBA Bi-CMOS Integrated
Circuit Silicon Monolithic
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
TB62709N/F
TB62709N/F
TB62709N/F
TB62709N/F
TB62709N/F
Recommended Operating Conditions:
CHARACTERISTICS
SYMBOL
TEST
CIRCUIT
CONDITION
MIN.
TYP.
MAX.
UNIT
Output Stage
Supply Current
ICC1
1
Set normal operation mode,
Rext=760
Ω, Out a~DP, all
ON VCC = 5V, Ta=25°C
—300
mA
ICC2
1
Set normal operation mode,
Rext=760
Ω, Out a~DP, all
ON VCC = 5V, Ta=25°C
—320
mA
Digit 0~3 Scanning Freq.
fOSC
2
Normal operation mode,
VDD=4.5 - 5.5V
240
480
960
Hz
Out a~DP Output Current
ISEG
3
Normal operation mode,
VDD=4.5 - 5.5V
29
34
40
mA
Digit 0~3 Leakage Current
ILEAK1
4
All off mode, VCC=17V
-20
µA
Out a~DP Leakage Current
ILEAK2
4
All off mode, VCC=17V
20
µA
Digit 0~3 Output Voltage
VOUT
5
Normal operation mode
IDIG = 320mA
3.0
V
Logic
Supply Current
IDD1
6
Standby Mode, Ta=25°C
200
µA
IDD2
6
Blank Mode, Ta=25°C
12.5
mA
Operating Supply Current
IDD3
6
Normal operating mode
fCLK=10MHz, Ta=25°C
Data-in:output a~DP on
20.5
mA
High Level Input Current
IIH
Data-in, Load&Clock VIN=5V
1
µA
Low Level Output Current
IIL
Data-in, Load&Clock VIN=0V
-1
µA
High Level Output Voltage
VOH1
6
Data out, IOH=-1mA
4.6
V
VOH2
6
Data-out, IOH=-1µA
VDD
V
Low Level Output Voltage
VOL1
6
Data out, IOH=-1mA
0.4
V
VOL2
6
Data-out, IOH=-1µA
0.1
V
Clock Frequency
FCLK
6
CASCADE connected,
TA = -40 ~ 85ºC
10
MHz


Similar Part No. - TB62709F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62709F TOSHIBA-TB62709F Datasheet
636Kb / 24P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB62709F TOSHIBA-TB62709F Datasheet
573Kb / 28P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709FG TOSHIBA-TB62709FG Datasheet
1Mb / 26P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709FG TOSHIBA-TB62709FG Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
More results

Similar Description - TB62709F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62785NG TOSHIBA-TB62785NG Datasheet
996Kb / 30P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TB62709N TOSHIBA-TB62709N_06 Datasheet
573Kb / 28P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG Datasheet
1Mb / 26P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG_06 Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
logo
Marktech Corporate
TB62785NG MARKTECH-TB62785NG Datasheet
825Kb / 27P
   7?뭆EGMENT DRIVERS WITH BUILT?묲N DECODERS
TB62785NG MARKTECH-TB62785NG_15 Datasheet
825Kb / 27P
   7?뭆EGMENT DRIVERS WITH BUILT?묲N DECODERS
logo
Fairchild Semiconductor
DM7447AN FAIRCHILD-DM7447AN Datasheet
56Kb / 6P
   BCD to 7-Segment Decoders/Drivers
DM7446A FAIRCHILD-DM7446A Datasheet
52Kb / 6P
   BCD to 7-Segment Decoders/Drivers
logo
National Semiconductor ...
DM7446A NSC-DM7446A Datasheet
118Kb / 6P
   BCD to 7-Segment Decoders/Drivers
logo
Micro Electronics
MMC22926 MICRO-ELECTRONICS-MMC22926 Datasheet
157Kb / 5P
   4 DIGIT COUNTERS WITH MULTIPLEXED 7 SEGMENT OUTPUT DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com