Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62709 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TB62709
Description  7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62709 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TB62709 Datasheet HTML 1Page - Toshiba Semiconductor TB62709 Datasheet HTML 2Page - Toshiba Semiconductor TB62709 Datasheet HTML 3Page - Toshiba Semiconductor TB62709 Datasheet HTML 4Page - Toshiba Semiconductor TB62709 Datasheet HTML 5Page - Toshiba Semiconductor TB62709 Datasheet HTML 6Page - Toshiba Semiconductor TB62709 Datasheet HTML 7Page - Toshiba Semiconductor TB62709 Datasheet HTML 8Page - Toshiba Semiconductor TB62709 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
588
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
TOSHIBA Bi-CMOS Integrated
Circuit Silicon Monolithic
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
TB62709N/F
TB62709N/F
TB62709N/F
TB62709N/F
TB62709N/F
Recommended Operating Conditions:
CHARACTERISTICS
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Output Stage
Supply Voltage
VCC
4.0
6.0
V
Digit 0~3 Output Current
IDIG
VOUT=3.0V
-320
mA
Out a~DP Output Current
ISEG
VCE=0.7V
40
mA
Logic
Supply Voltage
VDD
4.5
5.5
V
High Level Input Current
IIH
Data-In,
Load&Clock,VIN=VDD
——
1
µA
Low Level Input Current
IIL
Data-In, Load&Clock,VIN=0V
-1
µA
High Level Input Voltage
VIH
0.7
VDD
——
V
Low Level Input Voltage
VIL
0.3
VDD
V
Switching Condition
Data Hold Time (D-IN Clock)
tDHO
30
ns
Data Setup Time (D-IN Clock)
tDST
50
ns
Propagation Delay (Clock D-Out)
tPDSO
CL=10pf
50
ns
High Level Pulse Width Of Clock
tCLKH
30
ns
Low Level Pulse Width Of Clock
tCLKL
30
ns
Pulse Width Of Load
twLD
150
ns
Setup Time (Clock-Load)
tCKLD
100
ns
Setup Time (Load-Clock)
tLDCLK
100
ns


Similar Part No. - TB62709

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62709 TOSHIBA-TB62709 Datasheet
636Kb / 24P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB62709F TOSHIBA-TB62709F Datasheet
636Kb / 24P
   TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB62709F TOSHIBA-TB62709F Datasheet
573Kb / 28P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709FG TOSHIBA-TB62709FG Datasheet
1Mb / 26P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709FG TOSHIBA-TB62709FG Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
More results

Similar Description - TB62709

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62785NG TOSHIBA-TB62785NG Datasheet
996Kb / 30P
   7-SEGMENT DRIVERS WITH BUILT-IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4-DIGIT CONTROL)
TB62709N TOSHIBA-TB62709N_06 Datasheet
573Kb / 28P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG Datasheet
1Mb / 26P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
TB62709NG TOSHIBA-TB62709NG_06 Datasheet
572Kb / 29P
   7−SEGMENT DRIVERS WITH BUILT−IN DECODERS (COMMON ANODE CAPABILITY, MAXIMUM 4−DIGIT CONTROL)
logo
Marktech Corporate
TB62785NG MARKTECH-TB62785NG Datasheet
825Kb / 27P
   7?뭆EGMENT DRIVERS WITH BUILT?묲N DECODERS
TB62785NG MARKTECH-TB62785NG_15 Datasheet
825Kb / 27P
   7?뭆EGMENT DRIVERS WITH BUILT?묲N DECODERS
logo
Fairchild Semiconductor
DM7447AN FAIRCHILD-DM7447AN Datasheet
56Kb / 6P
   BCD to 7-Segment Decoders/Drivers
DM7446A FAIRCHILD-DM7446A Datasheet
52Kb / 6P
   BCD to 7-Segment Decoders/Drivers
logo
National Semiconductor ...
DM7446A NSC-DM7446A Datasheet
118Kb / 6P
   BCD to 7-Segment Decoders/Drivers
logo
Micro Electronics
MMC22926 MICRO-ELECTRONICS-MMC22926 Datasheet
157Kb / 5P
   4 DIGIT COUNTERS WITH MULTIPLEXED 7 SEGMENT OUTPUT DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com