Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL12864K Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BL12864K
Description  OLED Display 128 x 64 dots Built-in controller SSD1305
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BL12864K Datasheet(HTML) 1 Page - Bolymin, Inc

  BL12864K Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
70.9 x 41.86
63.41 x 32.69
0.45 x 0.45
0.48 x 0.48
27
BL12864K
Pin
Symbol
Function
1. OLED Display 128 x 64 dots
2. Built-in controller SSD1305
3. +2.4~ +3.5V single power supply
4. 1/64 duty cycle
5. Color: yellow
1
2
3
4~11
12
13
14
15
16
17
18
19
20
21
22
Vcc
VCOMH
IREF
DB7~DB0
E(RD)
R/W#
D/C#
RES#
CS#
BS2
BS1
VDD
NC
Vss
Vss
Positive OLED high voltage power supply
The COM voltage reference pin
The current reference input pin
Data bus
Data read
Data write
This is data/command control pin
Hardware reset signal
Chip select pin.
Interface select pin
Interface select pin
Voltage power supply for logic
No connection
Ground
Ground
30
mA
80
Life Time
30,000
hrs


Similar Part No. - BL12864K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL12864AA ETC2-BL12864AA Datasheet
45Kb / 1P
   512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
BL12864AA1065 ETC2-BL12864AA1065 Datasheet
45Kb / 1P
   512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
BL12864AA663 ETC2-BL12864AA663 Datasheet
45Kb / 1P
   512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
BL12864AA804 ETC2-BL12864AA804 Datasheet
45Kb / 1P
   512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
logo
Bolymin, Inc
BL12864C BOLYMIN-BL12864C Datasheet
111Kb / 1P
   OLED Display SMT with metal frame
More results

Similar Description - BL12864K

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BL12864I2 BOLYMIN-BL12864I2 Datasheet
388Kb / 1P
   OLED Display 128 x 64 dots Built-in controller SSD1305
BL12832A1 BOLYMIN-BL12832A1 Datasheet
331Kb / 1P
   OLED Display 128 x 32 dots Built-in controller SSD1305
BL12832B BOLYMIN-BL12832B Datasheet
272Kb / 1P
   OLED Display 128 x 32 dots Built-in controller SSD1305
BL12864J BOLYMIN-BL12864J Datasheet
306Kb / 1P
   OLED Display 128 x 64 dots Built-in controller SSD1325
BL128128C2 BOLYMIN-BL128128C2 Datasheet
316Kb / 1P
   OLED Display 128 x 128 dots Built-in controller SSD1355
BL12864G3 BOLYMIN-BL12864G3_17 Datasheet
211Kb / 1P
   OLED display 128 x 64 dots
BL25664B BOLYMIN-BL25664B_17 Datasheet
272Kb / 1P
   OLED display 128 x 64 dots
BL12896A BOLYMIN-BL12896A Datasheet
329Kb / 1P
   OLED Display 128 x 96 dots Built-in controller SSD1329
BL12864J BOLYMIN-BL12864J_17 Datasheet
619Kb / 1P
   OLED display 128 x 64 dots
BL160128A BOLYMIN-BL160128A Datasheet
401Kb / 1P
   OLED Display 160 x 128 dots Built-in controller SSD1353
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com