Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3990EDDB Datasheet(PDF) 11 Page - Linear Technology

Part # LT3990EDDB
Description  60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3990EDDB Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3990EDDB Datasheet HTML 7Page - Linear Technology LT3990EDDB Datasheet HTML 8Page - Linear Technology LT3990EDDB Datasheet HTML 9Page - Linear Technology LT3990EDDB Datasheet HTML 10Page - Linear Technology LT3990EDDB Datasheet HTML 11Page - Linear Technology LT3990EDDB Datasheet HTML 12Page - Linear Technology LT3990EDDB Datasheet HTML 13Page - Linear Technology LT3990EDDB Datasheet HTML 14Page - Linear Technology LT3990EDDB Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3990
11
3990p
APPLICATIONS INFORMATION
the ripple current. Note that larger input capacitance is
required when a lower switching frequency is used (due
to longer on-times). If the input power source has high
impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage ripple
at the LT3990 and to force this very high frequency switch-
ing current into a tight local loop, minimizing EMI. A 1μF
capacitor is capable of this task, but only if it is placed
close to the LT3990 (see the PCB Layout section). A second
precaution regarding the ceramic input capacitor concerns
the maximum input voltage rating of the LT3990. A ceramic
input capacitor combined with trace or cable inductance
forms a high quality (under damped) tank circuit. If the
LT3990 circuit is plugged into a live supply, the input volt-
age can ring to twice its nominal value, possibly exceeding
the LT3990’s voltage rating. This situation is easily avoided
(see the Hot Plugging Safely section).
Output Capacitor and Output Ripple
The output capacitor has two essential functions. It stores
energy in order to satisfy transient loads and stabilize the
LT3990’s control loop. Ceramic capacitors have very low
equivalent series resistance (ESR) and provide the best
ripple performance. A good starting value is:
C
Vf
OUT
OUT
SW
=
50
where fSW is in MHz and COUT is the recommended output
capacitance in μF. Use X5R or X7R types. This choice will
provide low output ripple and good transient response.
Transient performance can be improved with a higher value
capacitor if combined with a phase lead capacitor (typically
22pF) between the output and the feedback pin. A lower
value of output capacitor can be used to save space and
cost but transient performance will suffer.
The second function is that the output capacitor, along
with the inductor, filters the square wave generated by the
LT3990 to produce the DC output. In this role it determines
the output ripple, so low impedance (at the switching
frequency) is important. The output ripple decreases with
increasing output capacitance, down to approximately
1mV. See Figure 1. Note that a larger phase lead capacitor
should be used with a large output capacitor.
COUT (μF)
0
0
2
6
8
10
40
80
100
18
3990 F01
4
20
60
12
14
16
FRONT PAGE APPLICATION
CLEAD = 47pF FOR COUT ≥ 47μF
VIN = 24V
VIN = 12V
When choosing a capacitor, look carefully through the
data sheet to find out what the actual capacitance is under
operating conditions (applied voltage and temperature).
A physically larger capacitor or one with a higher voltage
rating may be required. Table 3 lists several capacitor
vendors.
Table 3. Recommended Ceramic Capacitor Vendors
MANUFACTURER
WEBSITE
AVX
www.avxcorp.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Vishay Siliconix
www.vishay.com
TDK
www.tdk.com
Ceramic Capacitors
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LT3990 due to their piezoelectric nature.
When in Burst Mode operation, the LT3990’s switching
frequency depends on the load current, and at very light
loads the LT3990 can excite the ceramic capacitor at audio
frequencies, generating audible noise. Since the LT3990
Figure 1. Worst-Case Output Ripple Across Full Load Range


Similar Part No. - LT3990EDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3990 LINER-LT3990 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3990 LINER-LT3990 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT3990 LINER-LT3990 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT3990 LINER-LT3990 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LT3990 LINER-LT3990 Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
More results

Similar Description - LT3990EDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3970 LINER-LT3970 Datasheet
253Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
   42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT3990-5 LINER-LT3990-5_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990-3.3 LINER-LT3990-3.3_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3970 LINER-LT3970_15 Datasheet
327Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990 LINER-LT3990_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
   42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8607 AD-LT8607 Datasheet
2Mb / 24P
   42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com