Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3990IMS Datasheet(PDF) 10 Page - Linear Technology

Part # LT3990IMS
Description  60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3990IMS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3990IMS Datasheet HTML 6Page - Linear Technology LT3990IMS Datasheet HTML 7Page - Linear Technology LT3990IMS Datasheet HTML 8Page - Linear Technology LT3990IMS Datasheet HTML 9Page - Linear Technology LT3990IMS Datasheet HTML 10Page - Linear Technology LT3990IMS Datasheet HTML 11Page - Linear Technology LT3990IMS Datasheet HTML 12Page - Linear Technology LT3990IMS Datasheet HTML 13Page - Linear Technology LT3990IMS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3990
10
3990p
APPLICATIONS INFORMATION
The highest allowed VIN during normal operation
(VIN(OP-MAX)) is limited by minimum duty cycle and can
be calculated by the following equation:
V
VV
ft
VV
IN OP MAX
OUT
D
SW
ON MIN
DSW
()
()
-
=
+
+
where tON(MIN) is the minimum switch on-time (~150ns).
However, the circuit will tolerate inputs up to the absolute
maximum ratings of the VIN and BOOST pins, regardless of
chosen switching frequency. During such transients where
VIN is higher than VIN(OP-MAX), the switching frequency will
be reduced below the programmed frequency to prevent
damage to the part. The output voltage ripple and inductor
current ripple may also be higher than in typical operation,
however the output will still be in regulation.
Inductor Selection
For a given input and output voltage, the inductor value
and switching frequency will determine the ripple current.
The ripple current increases with higher VIN or VOUT and
decreases with higher inductance and faster switching
frequency. A good starting point for selecting the induc-
tor value is:
L
VV
f
OUT
D
SW
=
+
3
where VD is the voltage drop of the catch diode (~0.7V),
L is in μH and fSW is in MHz. The inductor’s RMS current
rating must be greater than the maximum load current
and its saturation current should be about 30% higher.
For robust operation in fault conditions (start-up or short
circuit) and high input voltage (>30V), the saturation
current should be above 500mA. To keep the efficiency
high, the series resistance (DCR) should be less than
0.1Ω, and the core material should be intended for high
frequency applications. Table 2 lists several vendors and
suitable types.
This simple design guide will not always result in the
optimum inductor selection for a given application. As a
general rule, lower output voltages and higher switching
frequency will require smaller inductor values. If the ap-
plication requires less than 350mA load current, then a
lesser inductor value may be acceptable. This allows use
of a physically smaller inductor, or one with a lower DCR
resulting in higher efficiency. There are several graphs in
the Typical Performance Characteristics section of this data
sheet that show the maximum load current as a function
of input voltage for several popular output voltages. Low
inductance may result in discontinuous mode operation,
which is acceptable but reduces maximum load current.
For details of maximum output current and discontinu-
ous mode operation, see Linear Technology Application
Note 44. Finally, for duty cycles greater than 50% (VOUT/VIN
> 0.5), there is a minimum inductance required to avoid
subharmonic oscillations. See Application Note 19.
Input Capacitor
Bypass the input of the LT3990 circuit with a ceramic
capacitor of X7R or X5R type. Y5V types have poor
performance over temperature and applied voltage, and
should not be used. A 1μF to 4.7μF ceramic capacitor
is adequate to bypass the LT3990 and will easily handle
Table 2. Inductor Vendors
VENDOR
URL
Coilcraft
www.coilcraft.com
Sumida
www.sumida.com
Toko
www.tokoam.com
Würth Elektronik
www.we-online.com
Coiltronics
www.cooperet.com
Murata
www.murata.com


Similar Part No. - LT3990IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3990 LINER-LT3990 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3990 LINER-LT3990 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT3990 LINER-LT3990 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT3990 LINER-LT3990 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LT3990 LINER-LT3990 Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
More results

Similar Description - LT3990IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3970 LINER-LT3970 Datasheet
253Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
   42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT3990-5 LINER-LT3990-5_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990-3.3 LINER-LT3990-3.3_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3970 LINER-LT3970_15 Datasheet
327Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990 LINER-LT3990_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
   42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8607 AD-LT8607 Datasheet
2Mb / 24P
   42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com