Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3990IMS Datasheet(PDF) 3 Page - Linear Technology

Part # LT3990IMS
Description  60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3990IMS Datasheet(HTML) 3 Page - Linear Technology

  LT3990IMS Datasheet HTML 1Page - Linear Technology LT3990IMS Datasheet HTML 2Page - Linear Technology LT3990IMS Datasheet HTML 3Page - Linear Technology LT3990IMS Datasheet HTML 4Page - Linear Technology LT3990IMS Datasheet HTML 5Page - Linear Technology LT3990IMS Datasheet HTML 6Page - Linear Technology LT3990IMS Datasheet HTML 7Page - Linear Technology LT3990IMS Datasheet HTML 8Page - Linear Technology LT3990IMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3990
3
3990p
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3990E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LT3990I is guaranteed over the full –40°C to 125°C operating junction
temperature range.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VBD = 3.3V unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
4
4.2
V
Quiescent Current from VIN
VEN Low
VEN High
VEN High
l
0.7
1.7
0.98
2.7
3.5
μA
μA
μA
Feedback Voltage
l
1.195
1.185
1.21
1.21
1.225
1.235
V
V
FB Pin Bias Current (Note 3)
l
0.1
20
nA
FB Voltage Line Regulation
4.2V < VIN < 60V
0.0002
0.01
%/V
Switching Frequency
RT = 41.2k, VIN = 6V
RT = 158k, VIN = 6V
RT = 768k, VIN = 6V
1.76
640
160
2.25
800
200
2.64
960
240
MHz
kHz
kHz
Switch Current Limit
VIN = 5V, VFB = 0V
535
700
865
mA
Catch Schottky Current Limit
VIN = 5V
350
400
500
mA
Switch VCESAT
ISW = 200mA
300
mV
Switch Leakage Current
0.05
2
μA
Catch Schottky Forward Voltage
ISCH = 100mA, VIN = VBD = NC
650
mV
Catch Schottky Reverse Leakage
VSW = 12V
0.05
2
μA
Boost Schottky Forward Voltage
ISCH = 50mA, VIN = NC, VBOOST = 0V
875
mV
Boost Schottky Reverse Leakage
VREVERSE = 12V
0.02
2
μA
Minimum Boost Voltage (Note 4)
VIN = 5V
l
1.4
1.8
V
BOOST Pin Current
ISW = 200mA, VBOOST = 15V
5.5
8
mA
EN Pin Current
VEN = 12V
1
30
nA
EN Voltage Threshold
EN Rising, VIN ≥ 4.2V
l
0.95
1
1.05
V
EN Voltage Hysteresis
30
mV
PG Threshold Offset from Feedback Voltage
VFB Rising
80
120
160
mV
PG Hysteresis
12
mV
PG Leakage
VPG = 3V
0.01
1
μA
PG Sink Current
VPG = 0.4V
l
40
80
μA
Minimum Switch On-Time
90
ns
Minimum Switch Off-Time
VIN = 10V
l
100
160
ns
Note 3: Bias current flows into the FB pin.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the switch.


Similar Part No. - LT3990IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3990 LINER-LT3990 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3990 LINER-LT3990 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT3990 LINER-LT3990 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT3990 LINER-LT3990 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LT3990 LINER-LT3990 Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
More results

Similar Description - LT3990IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3970 LINER-LT3970 Datasheet
253Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
   42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT3990-5 LINER-LT3990-5_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990-3.3 LINER-LT3990-3.3_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3970 LINER-LT3970_15 Datasheet
327Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990 LINER-LT3990_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
   42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8607 AD-LT8607 Datasheet
2Mb / 24P
   42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com