Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA46B-SEFVG-S2-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LA46B-SEFVG-S2-PF
Description  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA46B-SEFVG-S2-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA46B-SEFVG-S2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA46B-SEFVG-S2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA46B-SEFVG-S2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA46B-SEFVG-S2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA46B-SEFVG-S2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA46B-SEFVG-S2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA46B-SEFVG-S2-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Min.
38
Luminous
intensity
@20mA(mcd)
Typical Electrical & Optical Characteristics (Ta=25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Emitted
MATERIAL
PART NO
Peak
wave
length
λPnm
---
Lens
17
Max.
Min.
COLOR
Spectral
halfwidth
△λnm
Forward
voltage
@
mA(V)
10
Ir
Reverse Current @5V
Storage Temperature
Operating Temperature
Tstg
Topr
-40 ~ +100
-40 ~ +85
Absolute Maximum Ratings at Ta=25
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Forward Current
Parameter
50
90
120
PD
IFP
IF
Symbol
Ratings
SEF
Viewing
angle
2
θ 1/2
(deg)
76
65
76
Typ.
μA
mA
mW
mA
UNIT
Page
VG
30
120
100
565
30
3.0
6.5
Dominant
wave
length
λDnm
605
---
Electrostatic Discharge( * )
ESD
2000V
----
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
LA46B/SEFVG-S2-PF
GaP
White Diffused
Green
AlGaInP
Orange
1.7 2.6
1.7 2.6
20
2/6
PART NO. LA46B/SEFVG-S2-PF


Similar Part No. - LA46B-SEFVG-S2-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA46B-SRFUG-6-PF LIGITEK-LA46B-SRFUG-6-PF Datasheet
122Kb / 7P
   LED ARRAY
More results

Similar Description - LA46B-SEFVG-S2-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com