Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA62B-3-SBKS8UG-8-AS-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LA62B-3-SBKS8UG-8-AS-PF
Description  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA62B-3-SBKS8UG-8-AS-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LA62B-3-SBKS8UG-8-AS-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA62B-3-SBKS8UG-8-AS-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA62B-3-SBKS8UG-8-AS-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA62B-3-SBKS8UG-8-AS-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA62B-3-SBKS8UG-8-AS-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA62B-3-SBKS8UG-8-AS-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA62B-3-SBKS8UG-8-AS-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Fig.3 Forward Voltage vs. Temperature
Ambient Temperature(
)
-20
0.8
40
0
20
1.1
1.0
0.9
1.2
Ambient Temperature(
)
Fig.4 Relative Intensity vs. Temperature
0.5
80
60
0.0
0
-20
40
60
20
1.5
1.0
2.0
2.5
80
Forward Voltage(V)
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
30
2.0
1.0
0
3.0
10
20
8SRF CHIP
40
Fig.2 Relative Intensity vs. Forward Current
1.0
0.0
1.0
2.0
Forward Current(mA)
10
100
1000
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 3/6
Fig.5 Relative Intensity vs. Wavelength
Wavelength (nm)
600
550
0.0
0.5
650
1.0
700
0.5
0
1.5
2.5
50
60
PART NO. LA62B-3/8SRF8UG-8-AS-PF


Similar Part No. - LA62B-3-SBKS8UG-8-AS-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA62B-3-SRFVG-4 LIGITEK-LA62B-3-SRFVG-4 Datasheet
113Kb / 6P
   LED ARRAY
More results

Similar Description - LA62B-3-SBKS8UG-8-AS-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com