Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA4863OI-TRG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APA4863OI-TRG
Description  Stereo 2.2W Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4863OI-TRG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APA4863OI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APA4863OI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APA4863OI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APA4863OI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APA4863OI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APA4863OI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APA4863OI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APA4863OI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APA4863OI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2009
APA4863
www.anpec.com.tw
10
Pin Description
PIN
NO.
TSSOP-20 TSSOP-20P
SOP-16
NAME
I/O
FUNCTION
1
1
1
SHUTDOWN
I
Shutdown mode control pin input, places entire IC in shutdown mode
when held high, IDD=0.5
µA.
2,7,19
2,7,9,10,11,
12,19
2,7,15
GND
-
Ground connection of circuitry.
3
3
3
+OUT A
O
A channel + output in BTL mode, high impedance in SE mode.
4,17
4,17
4,13
VDD
I
Supply voltage input.
5
5
5
-OUT A
O
A channel - output in BTL mode, + output in SE mode.
6
6
6
-INA
I
Input pin of channel A.
8
8
8
+INA
I
Non-inverting input of channel A, connected to bypass pin inside the
IC.
13
13
9
+IN B
I
Non-inverting input of channel B, connected to bypass pin inside the
IC.
14
14
10
BYPASS
-
Connect to voltage divider for internal mid-supply bias.
15
15
11
-IN B
I
Input pin of channel B.
16
16
12
-OUT B
O
B channel - output in BTL mode, + output in SE mode.
18
18
14
+OUT B
O
B channel + output in BTL mode, high impedance in SE mode.
20
20
16
HP-IN
I
Headphone control pin input, hold high for single-ended mode
operation.
9,10,11,12
-
-
NC
-
No connection.
Block Diagram
Note : * +INA and +INB pins are connected to Bypass pin inside the IC.
Ring
V
DD
50k
50k
- IN A
+ OUT A
R
L
100
µF
To HP-IN Circuit
8
20k
20k
20k
+ OUT B
R
L
8
20k
20k
20k
- OUT B
- OUT A
C
O
+
1k
100
µF
C
O
+
1k
C
S
0.1
µF
V
DD / 2
C
B
2.2
µF
+ IN A*
Bypass
- IN B
+ IN B*
GND
20k
R
F
20k
R
F
C
1
R
1
Audio
Input
20k
1
µF
C
1
R
1
Audio
Input
20k
1
µF
100k
Shutdown
HP-IN
To Control Pin on
Headphone Jack
100k
Headphone Jack
Sleeve
Control
Pin
Tip
V
DD


Similar Part No. - APA4863OI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4863OI-TR ANPEC-APA4863OI-TR Datasheet
161Kb / 17P
   Stereo 2.2W Audio Power Amplifier
More results

Similar Description - APA4863OI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
161Kb / 17P
   Stereo 2.2W Audio Power Amplifier
logo
Texas Instruments
LM4866 TI1-LM4866 Datasheet
1Mb / 29P
[Old version datasheet]   2.2W Stereo Audio Amplifier
logo
National Semiconductor ...
LM4866 NSC-LM4866 Datasheet
644Kb / 21P
   2.2W Stereo Audio Amplifier
logo
Global Mixed-mode Techn...
G1426 GMT-G1426 Datasheet
309Kb / 13P
   2.2W Stereo Audio Amplifier
logo
Maxim Integrated Produc...
MAX9787 MAXIM-MAX9787 Datasheet
238Kb / 15P
   2.2W Stereo Audio Power Amplifier with Analog Volume Control
Rev 0; 10/05
MAX9787 MAXIM-MAX9787_V01 Datasheet
325Kb / 15P
   2.2W Stereo Audio Power Amplifier with Analog Volume Control
19-3882; Rev 1; 1/07
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com