Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3205A Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3205A
Description  Li Charger Protection IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3205A Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3205A Datasheet HTML 1Page - Anpec Electronics Coropration APL3205A Datasheet HTML 2Page - Anpec Electronics Coropration APL3205A Datasheet HTML 3Page - Anpec Electronics Coropration APL3205A Datasheet HTML 4Page - Anpec Electronics Coropration APL3205A Datasheet HTML 5Page - Anpec Electronics Coropration APL3205A Datasheet HTML 6Page - Anpec Electronics Coropration APL3205A Datasheet HTML 7Page - Anpec Electronics Coropration APL3205A Datasheet HTML 8Page - Anpec Electronics Coropration APL3205A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - May., 2009
www.anpec.com.tw
4
APL3205A/B
APL3205A/B
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PSW LOGIC LEVELS (CONT.)
PSW Source Current
VPSW = 2.5V
-
2.5
-
mA
PSW Sink Current
VPSW = 2.5V
-
5
-
mA
TD(PSW)
PSW Low Delay Time
VIN rising, VOUT - VBAT
-
1
-
ms
Refer to the typical application circuit. These specifications apply over V
IN=5V, TA= -40~85°C
, unless otherwise specified. Typical
values are at T
A=25°C.
Electrical Characteristics (Cont.)


Similar Part No. - APL3205A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3205A ANPEC-APL3205A Datasheet
476Kb / 20P
   Li Charger Protection IC
APL3205AQBI-TRG ANPEC-APL3205AQBI-TRG Datasheet
476Kb / 20P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
   Li Charger Protection IC
More results

Similar Description - APL3205A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
   Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
   Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
   Li Charger Protection IC
APL3216 ANPEC-APL3216 Datasheet
189Kb / 12P
   Li Charger Protection IC
APL3218 ANPEC-APL3218 Datasheet
490Kb / 20P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A_11 Datasheet
438Kb / 20P
   Li Charger Protection IC
APL3213 ANPEC-APL3213 Datasheet
329Kb / 15P
   Li Charger Protection IC
APL3204A ANPEC-APL3204A Datasheet
559Kb / 18P
   Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com