Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3208B Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL3208B
Description  Li Charger Protection IC with Integrated P-MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3208B Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL3208B Datasheet HTML 5Page - Anpec Electronics Coropration APL3208B Datasheet HTML 6Page - Anpec Electronics Coropration APL3208B Datasheet HTML 7Page - Anpec Electronics Coropration APL3208B Datasheet HTML 8Page - Anpec Electronics Coropration APL3208B Datasheet HTML 9Page - Anpec Electronics Coropration APL3208B Datasheet HTML 10Page - Anpec Electronics Coropration APL3208B Datasheet HTML 11Page - Anpec Electronics Coropration APL3208B Datasheet HTML 12Page - Anpec Electronics Coropration APL3208B Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2009
APL3208A/B/C
www.anpec.com.tw
9
Function Description
ACIN Power-On-Reset (POR)
The APL3208A/B/C has a built-in power-on-reset circuit
to keep the output shutting off until internal circuitry is
operating properly. The POR circuit has hysteresis and a
de-glitch feature so that it will typically ignore undershoot
transients on the input. When the input voltage exceeds
the POR threshold and after 8ms blanking time, the out-
put voltage starts a soft-start to reduce the inrush current.
ACIN Over-Voltage Protection (OVP)
The input voltage is monitored by the internal OVP circuit.
When the input voltage rises above the input OVP
threshold, the internal FET will be turned off within 1ms to
protect the connected system on OUT pin. When the in-
put voltage returns below the input OVP threshold minus
the hysteresis, the FET is turned on again after 8ms re-
covery time. The input OVP circuit has a 200mV hyster-
esis and a recovery time of T
ON(OVP) to provide noise im-
munity against transient conditions.
Battery Over-Voltage Protection
The APL3208A/B/C monitors the VBAT pin voltage for bat-
tery over-voltage protection. The battery OVP threshold is
internally set to 4.35V. When the VBAT pin voltage ex-
ceeds the battery OVP threshold for a blanking time of T
B
(BOVP), the internal power FET is turned off. When the VBAT
voltage returns below the battery OVP threshold minus
the hysteresis, the FET is turned on again. The APL3208A/
B/C has a built-in counter. When the total count of battery
OVP fault reaches 16, the FET is turned off permanently,
requiring a V
ACIN POR again to restart.
Over-Temperature Protection
When the junction temperature exceeds 160oC, the inter-
nal thermal sense circuit turns off the power FET and
allows the device to cool down. When the device’s junc-
tion temperature cools by 40oC, the internal thermal
sense circuit will enable the device, resulting in a pulsed
output during continuous thermal protection. Thermal pro-
tection is designed to protect the IC in the event of over
temperature conditions. For normal operation, the junc-
tion temperature cannot exceed T
J=+125
oC.
Internal P-MOSFET
The APL3208A/B/C integrates a P-channel MOSFET with
the body diode reverse protection to replace the external
power bipolar transistor and Schottky diode for the Infineon
ULC2 mobile. The body diode reverse protection pre-
vents a reverse current flowing from the battery back to
the CHG_DET pin. During power-on, when CHG_DET
voltage rises above the VBAT voltage by more than
120mV, the body diode of the P-channel MOSFET is for-
ward biased from OUT to CHG_DET, and P-MOSFET is
controlled by the external CHG_SW voltage. When the
CHG_DET voltage drops below V
BAT+20mV, the body di-
ode of the P-channel MOSFET is forward biased from
CHG_DET to OUT and P-channel MOSFET is turned off.
When any of input OVP, battery OVP, is detected,the inter-
nal P-channel MOSFET is also turned off.
Current-Limit Protection
The APL3208A/B/C provides a current-limit protection
function. When the current via the internal switch sur-
passes the current limit threshold, the current will be
clamped to a constant level to provide external battery
charging current.


Similar Part No. - APL3208B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QAI-TRG ANPEC-APL3200QAI-TRG Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QBI-TRG ANPEC-APL3200QBI-TRG Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
APL3201QAI-TRG ANPEC-APL3201QAI-TRG Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
More results

Similar Description - APL3208B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3206 ANPEC-APL3206_10 Datasheet
386Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3215 ANPEC-APL3215 Datasheet
317Kb / 18P
   Li Charger Protection IC with Integrated P-MOSFET
logo
Monolithic Power System...
MP2676 MPS-MP2676 Datasheet
438Kb / 10P
   Li-Ion Charger Protection IC With Integrated P-MOSFET
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
   Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
   Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
   Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com