Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5312 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5312
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5312 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5312_09 Datasheet HTML 1Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 2Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 3Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 4Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 5Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 6Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 7Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 8Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2009
APL5312
www.anpec.com.tw
2
Product Name Marking
Product Name
Marking
Product Name
Marking
Product Name
Marking
APL5312-15B
339X
APL5312-16B
33AX
APL5312-17B
33BX
APL5312-18B
33CX
APL5312-19B
33DX
APL5312-20B
33EX
APL5312-21B
33FX
APL5312-22B
33GX
APL5312-23B
33HX
APL5312-24B
33IX
APL5312-25B
33JX
APL5312-26B
33KX
APL5312-27B
33LX
APL5312-28B
33MX
APL5312-29B
33NX
APL5312-30B
33OX
APL5312-31B
33PX
APL5312-32B
33QX
APL5312-33B
33RX
APL5312-34B
33SX
APL5312-35B
33TX
APL5312-285B
33dX
SOT-23-5 packages
Product Name
Marking
Product Name
Marking
Product Name
Marking
Product Name
Marking
APL5312-15S5
339
APL5312-16S5
33A
APL5312-17S5
33B
APL5312-18S5
33C
APL5312-19S5
33D
APL5312-20S5
33E
APL5312-21S5
33F
APL5312-22S5
33G
APL5312-23S5
33H
APL5312-24S5
33I
APL5312-25S5
33J
APL5312-26S5
33K
APL5312-27S5
33L
APL5312-28S5
33M
APL5312-29S5
33N
APL5312-30S5
33O
APL5312-31S5
33P
APL5312-32S5
33Q
APL5312-33S5
33R
APL5312-34S5
33S
APL5312-35S5
33T
APL5312-285S5
33d
SC-70-5 packages
Ordering and Marking Information (Cont.)
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN, VOUT
Input Voltage or Out Voltage
6.5
V
SHDN/BP
VOUT Shutdown Control Pin/Bypass Signal Pin
6.5
V
TJ
Operating Junction Temperature
0 to 125
°
C
TSTG
Storage Temperature Range
-65 to +150
°
C
TSDR
Maximum Lead Temperature Soldering, 10 Seconds
260
°
C
Symbol
Parameter
Rating
Unit
θ
JA
Thermal Resistance-Junction to Ambient
(Note 2)
SOT-23-5
SC-70-5
240
325
oC/W
PD
Power Dissipation, TA = 25
oC (Note 3)
SOT-23-5
SC-70-5
410
310
mW
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note 2 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in
free air.
Note 3 : When mounted on a (Copper foil area 50%, 45x45x1.6tmm) glass epoxy board.
Thermal Characteristics


Similar Part No. - APL5312_09

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312-15BI-TR ANPEC-APL5312-15BI-TR Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312-15BI-TRL ANPEC-APL5312-15BI-TRL Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312-15S5I-TR ANPEC-APL5312-15S5I-TR Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312-15S5I-TRL ANPEC-APL5312-15S5I-TRL Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312-16BI-TR ANPEC-APL5312-16BI-TR Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5312_09

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com