Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5312 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5312
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5312 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5312_09 Datasheet HTML 1Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 2Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 3Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 4Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 5Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 6Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 7Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 8Page - Anpec Electronics Coropration APL5312_09 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2009
APL5312
www.anpec.com.tw
3
Electrical Characteristics
APL5312
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.3
-
6
V
VOUT
Output Voltage Accuracy
VIN = 5V
-2
-
2
%
Output Voltage Range
1.5
-
3.5
V
ILIMIT
Circuit Current Limit
450
500
550
mA
IOUT = 0mA
-
120
160
IQ
Quiescent Current
IOUT = 300mA
-
120
160
µA
IOUT
Load Current
-
300
-
mA
REGLINE
Line Regulation
VOUT+0.5V<VIN<6V, IOUT = 10mA
-
0.1
0.3
%
REGLOAD
Load Regulation
VIN = VOUT+1V, 0mA<IOUT<300mA
-
0.8
1.5
%
VOUT =1.5V, IOUT = 300mA
-
520
680
VOUT = 2V, IOUT = 300mA
-
430
560
VDROP
Dropout Voltage
(Note 4)
VOUT = 3V, IOUT = 300mA
-
290
380
mV
f = 1kHz, CBP=10nF, IOUT=10mA
-
73
-
f = 10kHz, CBP=10nF, IOUT = 10mA
-
74
-
PSRR
Ripple Rejection
f = 100kHz, CBP = 10nF, IOUT = 10mA
-
55
-
dB
ISHORT
Short Current
VOUT = 0V
-
50
-
mA
Noise
f = 100Hz to 100kHz, CBP = 10nF,
IOUT = 10mA
-
36
-
µV
RMS
High Threshold Voltage
1.6
-
VIN+0.3
VSHDN
Low Threshold Voltage
-0.3
-
0.4
V
ISHDN
Shutdown Input Bias Current
VSHDN = VIN
-
0.1
1
µA
IQSHDN
Shutdown Supply Current
SHDN = Low, VIN = VOUT+1V
-
0.1
1
µA
TEXIT
Shutdown Exit Delay
VOUT = 90%, RLOAD = 50
-
100
-
µS
Over Temperature Shutdown
-
160
-
°
C
OTS
Over Temperature Shutdown
Hysteresis
-
20
-
°
C
TC
Output Voltage Temperature
Coefficient
TJ = -40~125°
C
-
100
-
ppm/°
C
Output Capacitor
-
1
-
µF
COUT
ESR
0.025
-
1
Unless otherwise noted these specifications apply over full temperature, V
IN = VOUT+1V, CIN = COUT
= 1
µ F, T
A = -40 to 85°C. Typical
values refer to T
A = 25°C.
Note 4 : Dropout voltage definition: V
IN-VOUT when VOUT is 2% below the value of VOUT for VIN= VOUT +1V.


Similar Part No. - APL5312_09

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312-15BI-TR ANPEC-APL5312-15BI-TR Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312-15BI-TRL ANPEC-APL5312-15BI-TRL Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312-15S5I-TR ANPEC-APL5312-15S5I-TR Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312-15S5I-TRL ANPEC-APL5312-15S5I-TRL Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312-16BI-TR ANPEC-APL5312-16BI-TR Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5312_09

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com