Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL531230S5I-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL531230S5I-TRG
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL531230S5I-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL531230S5I-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL531230S5I-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL531230S5I-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL531230S5I-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL531230S5I-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL531230S5I-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL531230S5I-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL531230S5I-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL531230S5I-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2009
APL5312
www.anpec.com.tw
9
Application Information (Cont.)
Recommended Minimum Footprint
Operating Region and Power Dissipation (Cont.)
is the thermal resistance between Junction and ambient
air. For continual operation, do not exceed the absolute
maximum junction Temperature rating of T
J = 125°C.
For example:
The SOT-23-5 package has maximum power dissipa-
tion 300mW at T
A= 55°C, relatively 225mW at SC-70-5
package (see Maximum Power Dissipation vs. Ambient
Temperature).
V
IN = 5V, IOUT = 250mA, VOUT = 3.3V,
P
D = (5-3.3)V x 150mA = 255mW
According the power dissipation issue, we should adapt
the SOT-23-5 package. It could reduce the thermal
resistance to maintain the IC longer life.
The GND pin provides an electrical connection to the
ground and channeling heat away. The printed circuit
board (PCB) forms a heat sink and dissipates most of
the heat into ambient air.
0.02
0.038
0.076
Unit : Inch
0.016
0.026
0.052
Unit : Inch
SOT-23-5
SC-70-5


Similar Part No. - APL531230S5I-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312-15BI-TR ANPEC-APL5312-15BI-TR Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312-15BI-TRL ANPEC-APL5312-15BI-TRL Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312-15S5I-TR ANPEC-APL5312-15S5I-TR Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312-15S5I-TRL ANPEC-APL5312-15S5I-TRL Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL531230S5I-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com