Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA73B-4-DBK.9SEF.DGM-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LA73B-4-DBK.9SEF.DGM-PF
Description  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA73B-4-DBK.9SEF.DGM-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA73B-4-DBK.9SEF.DGM-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA73B-4-DBK.9SEF.DGM-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA73B-4-DBK.9SEF.DGM-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA73B-4-DBK.9SEF.DGM-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA73B-4-DBK.9SEF.DGM-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA73B-4-DBK.9SEF.DGM-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA73B-4-DBK.9SEF.DGM-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LA73B-4-DBK.9SEF.DGM-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Electrical & Optical Characteristics (Ta=25
)
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LA73B-4/DBK.9SEF.DGM-PF
2/7
2.8
Green Diffused
Green
InGaN/GaN
525
36
700
4.0
3.5
350
38
2.8
1.7
Orange Diffused
Orange
AlGaInP
17
605
Blue Diffused
Blue
InGaN/GaN
30
470
450
2.2
220
2.6
50
450
3.5
220
4.0
38
Typ.
Min.
Min.
Max.
Lens
Typ.
Emitted
LA73B-4/DBK.9SEF.DGM-PF
PART NO
Dominant
wave
length
λDnm
Spectral
halfwidth
△λnm
COLOR
MATERIAL
Luminous
intensity
@20mA(mcd)
Forward
voltage
@
mA(V)
Viewing
angle
2
θ 1/2
(deg)
20
500
500
2000
V
Electrostatic Discharge( * )
ESD
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
Storage Temperature
Operating Temperature
*
-30 ~ +100
-20 ~ +80
Tstg
Topr
9SEF
DBK
DGM
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Power Dissipation
Forward Current
10
75
50
Ir
PD
120
μA
50
120
mW
60
30
IFP
100
IF
30
100
mA
30
mA
Parameter
Ratings
Symbol
UNIT


Similar Part No. - LA73B-4-DBK.9SEF.DGM-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA73B-1 LIGITEK-LA73B-1 Datasheet
138Kb / 8P
   LED ARRAY
LA73B-1-2G.YG-S2-PF LIGITEK-LA73B-1-2G.YG-S2-PF Datasheet
133Kb / 8P
   LED ARRAY
LA73B-1-3DBK-PF LIGITEK-LA73B-1-3DBK-PF Datasheet
109Kb / 6P
   LED ARRAY
LA73B-1-3E-PF LIGITEK-LA73B-1-3E-PF Datasheet
112Kb / 6P
   LED ARRAY
LA73B-1-3G-3-PF LIGITEK-LA73B-1-3G-3-PF Datasheet
108Kb / 6P
   LED ARRAY
More results

Similar Description - LA73B-4-DBK.9SEF.DGM-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com