Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC5565AFL-10 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC5565AFL-10
Description  65,536 bit static random access memory organized as 8,192 words by 8 bits using CMOS technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC5565AFL-10 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC5565AFL-10 Datasheet HTML 1Page - Toshiba Semiconductor TC5565AFL-10 Datasheet HTML 2Page - Toshiba Semiconductor TC5565AFL-10 Datasheet HTML 3Page - Toshiba Semiconductor TC5565AFL-10 Datasheet HTML 4Page - Toshiba Semiconductor TC5565AFL-10 Datasheet HTML 5Page - Toshiba Semiconductor TC5565AFL-10 Datasheet HTML 6Page - Toshiba Semiconductor TC5565AFL-10 Datasheet HTML 7Page - Toshiba Semiconductor TC5565AFL-10 Datasheet HTML 8Page - Toshiba Semiconductor TC5565AFL-10 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TOSHIBA MOS MEMORY PRODUCTS
TC5565APL-10, TC5565APL-12, TC5565APL-15
TC5565AFL-10, TC5565AFL-12, TC5565AFL-15
DESCRIPTION
The TC5565APL/AFL is 65,536 bit static random access memory organized as 8,192 words by 8 bits using CMOS technology, and
operates from a single 5V supply. Advanced circuit techniques provide both high speed and low power features with a maximum
operating current of 5mA/MHz and maximum access time of 100ns/120ns/150ns.
When CE2 is a logical low or \CEl is a logical high, the device is placed in low power standby mode in which standby current is 2uA
typically. The TC5565APL/AFL has three control inputs. Two chip enable (\CE1, CE2) allow for device selection and data retention
control, and an output enable input (\OE) provides fast memory access. Thus the TC5565APL/AFL is suitable for use in various
microprocessor application systems where high speed, low power, and battery back up are required.
The TC5565APL also features pin compatibility with the 64K bit EPROM (TMM2764D).
RAM and EPROM are then interchangeable in the same socket, resulting in flexibility in the definition of the quantity of RAM versus
EPROM in microprocessor application systems. The TC5565APL is offered in a dual-in-line 28 pin standard plastic package. The
TC5565AFL is offered in 28 pin mini Flat Package.
FEATURES
• Low Power Dissipation
27.5mW/MHz(Max.) operating
• Standby Current: 100uA(Max.) Ta=70°C
• Access Time
TC5565APL/AFL-10 : 100ns(Max.)
TC5565APL/AFL-12 : 120ns(Max.)
TC5565APL/AFL-15 : 150ns(Max.)
• 5V Single Power Supply
-
• Power Down Features: CE2, \CE1
• Fully Static Operation
Data Retention Supply Voltage: 2.0-5.5V
• Directly TTL Compatible
: All
Inputs and Outputs
• Pin Compatible with 2764 type EPROM
• TC5565APL Family (Package Type)
Package Type
Device Name
600 mil DIP
TC5565APL
300 mil DIP
(Slim Package)
*TC5563APL
Flat Package
(SOP)
TC5565AFL
* See TC5563APL Technical Data.
PIN CONNECTION (TOP VIEW)
AO-A12
Address Inputs
R/W
Read/Write Control Input
\OE
Output Enable Input
\CE1, CE2
Chip Enable Inputs
I/O1 – I/O8
Data Input/Output
VDD
Power (+5V)
GND
Ground
N.C.
No Connection
BLOCK DIAGRAM


Similar Part No. - TC5565AFL-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5561J TOSHIBA-TC5561J Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-45 TOSHIBA-TC5561J-45 Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-55 TOSHIBA-TC5561J-55 Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-70 TOSHIBA-TC5561J-70 Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561P TOSHIBA-TC5561P Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
More results

Similar Description - TC5565AFL-10

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM76C88AL LG-GM76C88AL Datasheet
560Kb / 11P
   65,536 Bit static random access memory organized as 8,192 words by 8 bits using CMOS
logo
ACCUTEK MICROCIRCUIT CO...
AK63264AW ACCUTEK-AK63264AW Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK62464Z ACCUTEK-AK62464Z Datasheet
177Kb / 2P
   65,536 x 24 Bit CMOS/BiCMOS Static Random Access Memory
AK63264W ACCUTEK-AK63264W Datasheet
243Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63264BZ ACCUTEK-AK63264BZ Datasheet
91Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
logo
Toshiba Semiconductor
TMM2018AP TOSHIBA-TMM2018AP Datasheet
338Kb / 6P
   16,384 bits high speed and low power static random access memory organized as 2,048 words by 8 bits and operates from a single 5V supply
logo
Fujitsu Component Limit...
MB8464A FUJITSU-MB8464A Datasheet
263Kb / 11P
   CMOS 65,536 Static Random Access Memory with Data Retention Mode
logo
List of Unclassifed Man...
HM6708SH ETC1-HM6708SH Datasheet
453Kb / 11P
   65536-WORDS X 4 BITS HIGH SPEED STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
logo
Motorola, Inc
MCM60L256A-C MOTOROLA-MCM60L256A-C Datasheet
348Kb / 8P
   32K x 8 Bit CMOS Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com